Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202PBF Datasheet(PDF) 20 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 20 Page - International Rectifier

Back Button IP1202PBF Datasheet HTML 16Page - International Rectifier IP1202PBF Datasheet HTML 17Page - International Rectifier IP1202PBF Datasheet HTML 18Page - International Rectifier IP1202PBF Datasheet HTML 19Page - International Rectifier IP1202PBF Datasheet HTML 20Page - International Rectifier IP1202PBF Datasheet HTML 21Page - International Rectifier IP1202PBF Datasheet HTML 22Page - International Rectifier IP1202PBF Datasheet HTML 23Page - International Rectifier IP1202PBF Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.irf.com
20
iP1202PbF
R
9
10
Vref
Vo - Vref
More than one iteration may be required to calculate
the values of the compensation components if cross-
over frequencies higher than the range specified in
step 1 are required (for higher bandwidths and faster
transient response performance). To ensure stability
a phase margin greater than 45° shouldbe achieved.
Refer to AN-1043 for more detailed compensation
techniques using Transconductance Amplifiers.
Compensation in Current Share Mode
The iP1202PbF can be configured in single output
paralleled configuration. The feedback loop of the first
output is closed around the output voltage, and the
second amplifier, which is also a transconductance
one,
forces equal sharing of the inductor currents in both
outputs.
Voltage Loop
Type II and Type III methods of voltage loop com-
pensation discussed above, can be used to com-
pensate the voltage loop of a single output
iP1202PbF. In this case, the total amount of capaci-
tance seen by both channels and the inductance of
the voltage controlling channel should be consid-
ered for compensation.
Current Loop
Use the following procedure for current loop com-
pensation:
In Fig. 20, L
1 and L2 are the inductors for outputs 1
and 2 respectively. Rsh1 and Rsh2 are the current
sensing shunts for the same outputs.
7. Place the second pole f
p2 at or near fesr of the out-
put capacitor C
o and determine the value of R24 from
equation (20). Make sure R
24 <
8. Use equation (25) to calculate R
7.
R
7 = R9 x
(25)
The crossover frequency f
0 for type III compensation
is represented by equation (24):
(24)
Follow the steps below to determine the feedback
loop compensation component values:
1. Select a zero db crossover frequency f
0 in the range
of 10% to 20% of the switching frequency f
sw.
2. Select R
23~ 10kΩ
3. Place the first zero f
z1 at 75% of the resonant fre-
quency f
LC of the output filter.
Determine C
9 from equation (22).
4. Place a third pole f
P3 at or near the switching fre-
quency f
SW.
Select C18 such that C
18 <
5. Calculate C
19 from equation (24).
6. Place the second zero at 125% of the resonant
frequency f
LC of the output filter. Calculate R9 using
equation (23).
0
0
19
23
0
2
1
8
.
0
C
L
C
R
V
f
IN
×
×
×
×
×
×
=
π
1
V
ramp
10
9
C
The frequencies of the three poles and the two zeros
of the type III compensation scheme are represented
by the following equations:
f
p1= 0
(19)
(20)
19
24
2
2
1
C
R
f
p
×
×
=
π
(22)
(21)
(23)
18
23
3
2
1
C
R
f
p
×
×
π
9
23
1
2
1
C
R
f
z
×
×
=
π
19
9
2
2
1
C
R
f
z
×
×
=
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com