Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202PBF Datasheet(PDF) 21 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IP1202PBF Datasheet HTML 17Page - International Rectifier IP1202PBF Datasheet HTML 18Page - International Rectifier IP1202PBF Datasheet HTML 19Page - International Rectifier IP1202PBF Datasheet HTML 20Page - International Rectifier IP1202PBF Datasheet HTML 21Page - International Rectifier IP1202PBF Datasheet HTML 22Page - International Rectifier IP1202PBF Datasheet HTML 23Page - International Rectifier IP1202PBF Datasheet HTML 24Page - International Rectifier IP1202PBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.irf.com
21
iP1202PbF
Resistor R
6 of the compensation network is calcu-
lated according to equation (26)
(26)
It is recommended to set the channel 2 crossover
frequency 30% higher than the voltage loop cross-
over frequency.
The power stage of the current loop has a dominant
pole at frequency expressed by equation (27):
2
2
L
R
f
eq
p
⋅
⋅
=
π
where, R
eq represents the total resistance of the
power stage that includes the Rdson of the FET
switches, the DC resistance of the inductor and the
shunt resistance, and is expressed by equation (28):
use 10mohm for FET Rdson.
To calculate for C11, place the zero frequency fz at
10 times the dominant pole frequency f
p using equa-
tion (29):
p
z
f
f
×
= 10
(28)
(27)
(29)
in
sh
m
ramp
V
f
L
R
g
V
R
02
2
1
6
2
1
×
×
×
×
×
=
π
sh
L
dson
eq
R
R
R
R
+
+
=
Select
nf
C
8
.
6
11 ≤
R
E/A2
R
iP1202
C11
R6
L1
L2
sh1
Rsh2
Vsw1
Vsw2
Vp-Ref
CC2
Load
FB2
VOUT
Fig. 20: Output 2 error amplifier compensation net-
work for parallel configuration.
z
f
R
C
×
×
⋅
=
6
11
2
1
π
iP1202PbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com