Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202PBF Datasheet(PDF) 13 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IP1202PBF Datasheet HTML 9Page - International Rectifier IP1202PBF Datasheet HTML 10Page - International Rectifier IP1202PBF Datasheet HTML 11Page - International Rectifier IP1202PBF Datasheet HTML 12Page - International Rectifier IP1202PBF Datasheet HTML 13Page - International Rectifier IP1202PBF Datasheet HTML 14Page - International Rectifier IP1202PBF Datasheet HTML 15Page - International Rectifier IP1202PBF Datasheet HTML 16Page - International Rectifier IP1202PBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.irf.com
13
iP1202PbF
The dual output PWM controller inside the iP1202PbF
provides a 180° out of phase operation of the PWM
outputs. This method of control offers the advantage
of reducing the amount of input bypass capacitors
due to increase in input ripple frequency and hence
reduction of ripple amplitude. Moreover, for paralleled
output configurations 180° phase shifting contributes
to smaller output capacitors due to output inductor
ripple current cancellation and ripple reduction.
The operating switching frequency (f
SW) range of
iP1202PbF is 200 kHz to 400 kHz. The desired fre-
quency is set by placing an external resistor to the
RT pin of the iP1202PbF. See Fig. 9 for the proper
resistor value.
The iP1202PbF is capable of accepting an external
digital synchronization signal. Synchronization will
be enabled by the rising edge clock. The free run-
ning oscillator frequency is twice the per-channel fre-
quency. During synchronization, RT is selected such
that the free running frequency is 20% below the
synchronization frequency. The maximum synchro-
nization frequency that iP1202PbF can accept is
800kHz. Note that the actual free running frequency
of individual output is half the synchronization fre-
quency.
Overcurrent Protection/Autorestart
The Overcurrent Protection function of the
iP1202PbF offers two distinct modes: HICCUP of the
output and Overcurrent Shutdown. If the Hiccup pin
is pulled high (Hiccup enabled), hiccup mode will be
selected. If Hiccup pin is pulled low (Hiccup dis-
abled), overcurrent shutdown will be selected.
During overloads, in HICCUP disabled mode, the
controller shuts down as soon as the trip threshold
is reached. In HICCUP enabled mode, when
overcurrent trip threshold is reached, the power sup-
ply output shuts down and attempts to restart. The
time duration between the shutdown of the output
and the restart is determined by the time it takes to
discharge the soft start capacitor. Typically, the dis-
charge time of the soft start capacitor is 10 times the
charge time. The duty cycle of the hiccup
process is typically 5%. The output will stay in hic-
cup indefinitely until the overload is removed. The
typical overcurrent trip threshold of the device is
internally set at 30A. The overcurrent shutdown / HIC-
CUP threshold is ±30% accurate.
The iP1202PbF overcurrent shutdown and HICCUP
threshold can be set externally by adding R
OCSET1 and
R
OCSET2 resistors from OCSET1 and OCSET2 pins to
VSW1 and VSW2 pins respectively. Refer to Fig.8
for R
OCSET1 and ROCSET2 selection.
Overvoltage Protection (OVP)
Overvoltage is sensed through separate output volt-
age sense pins FB1s and FB2s. A separate OVP
circuit is provided for each output and the OVP
threshold is set to 115% of the output voltage. Upon
overvoltage condition of either one of the outputs,
the OVP forces a latched shutdown on both outputs.
In this mode, the upper FETs turn off and the lower
FETs turn on, thus crowbaring the outputs. Reset is
performed by recycling the ENABLE pin. Overvolt-
age can be sensed by either connecting FB1s and
FB2s to their corresponding outputs through sepa-
rate output voltage divider resistor networks, or they
can be connected directly to their corrsponding feed-
back pins FB1 and FB2. For Type III control loop
compensation, FB1s and FB2s should be connected
through voltage dividers only.
the inductor current information for current sharing.
In this mode, VP-ref pin must be disconnected from
Vref pin and connected to the output of channel1
inductor, see Fig. 15. The inductor current informa-
tion is provided through external shunts placed in
series with the output inductors.
A lossless inductor current sensing scheme can also
be implemented as shown in Fig.16, where the cur-
rent is sensed through the DC resistance of the in-
ductor. In this case R
L and CL are selected such that
R
Lx CL = L / Rdc. Set RL = 1K and solve for CL. Rdc is
the internal DC resistance of inductor L.
In single output two phase mode, leave SS2 pin
open.
The iP1202PbF can also be configured in dual out-
put tracking mode where the second output tracks
the
first output.
For a specific output configuration, follow the con-
nection diagram shown in Fig.14, Fig.15, Fig.16 at
the end of this section.
Out of Phase Operation
Frequency and Synchronization
Synchronization capability is provided both in inde-
pendent and parallel configurations. When unused,
the SYNC pin must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com