Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IP1202PBF Datasheet HTML 5Page - International Rectifier IP1202PBF Datasheet HTML 6Page - International Rectifier IP1202PBF Datasheet HTML 7Page - International Rectifier IP1202PBF Datasheet HTML 8Page - International Rectifier IP1202PBF Datasheet HTML 9Page - International Rectifier IP1202PBF Datasheet HTML 10Page - International Rectifier IP1202PBF Datasheet HTML 11Page - International Rectifier IP1202PBF Datasheet HTML 12Page - International Rectifier IP1202PBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.irf.com
9
iP1202PbF
Table 1: Pin Description
Pin Name
Ball Designator
Pin Description
VIN
A1 A2 A3 A4 A15 A16 A17 A18 B1 B2 B3 B4 B15 B16 B17
B18 C1 C2 C3 C4 C15 C16 C17 C18
Input voltage connection pins
CC1
H6
Output of the first error amplifier
CC2
H13
Output of the second error amplifier
ENABLE
A8 B8
Single pin for both outputs. Commands ouputs ON or OFF. Normally
Pulled High. Pulled low, turns both outputs ON.
SS1
H8
Soft start pin for output 1. External capacitor provides soft start.
Pulling soft start pin low will disable this output.
SS2
H11
Soft start pin for output 2. External capacitor provides soft start.
Pulling soft start pin low will disable this output.
FB1
J6
Inverting input of error amplifier 1
FB1s
J8
Output 1 overvoltage sense pin.
FB2
J13
Inverting input of error amplifier 2
FB2s
J11
Output 2 overvoltage sense pin.
VSW1
D1 D2 D3 E1 E2 F1 F2 G1 G2 H1 H2 J1 J2 K1 K2 L1 L2
Output 1 inductor connection pins
VSW2
D16 D17 D18 E17 E18 F17 F18 G17 G18 H17 H18 J17
J18 K17 K18 L17 L18
Output 2 inductor connection pins
PGND
A5 A6 A7 A9 A10 A12 A13 A14 B5 B6 B7 B10 B11 B12
B13 B14 C5 C6 C7 C8 C9 C10 C11 C12 C13 C14 D5 D6
D7 D8 D9 D10 D11 D12 D13 D14 E3 E4 E5 E6 E13 E14
E15 E16 F3 F4 F5 F6 F8 F9 F10 F11 F13 F14 F15 F16 G3
G4 G6 G9 G10 G13 G15 G16 H4 H9 H10 H15 J4 J5 J9
J10 J14 J15 K4 K5 K14 K15 L3 L4 L5 L13 L14 L15 L16
Power Ground pins
Vref
L9
Amplifier 1 reference Voltage. Connect a 100pF cap from this pin to
PGND.
VP-ref
L8
Amplifier 2 reference voltage. Connect to Vref for independent
output configuration. Refer to application notes on how to connect to
parallel configuration or output voltage tracking configurations.
SYNC
K6
External Clock synchronization pin. Set free running frequency to
80% of the SYNC frequency. When not in use, leave pin floating
RT
L11
Switching frequency setting pin. For RT selection, refer to Fig.9 of the
datasheet.
PGOOD
L10
Power Good pin. Open collector, requires external pulll-up. If
function not needed, pin can be left floating
HICCUP
L6
Logic level pin. Pulled high enables hiccup mode of operation. Pulled
low enables latched overcurrent shutdown mode.
OCSET1
G8
Overcurrent trip threshold pin for output 1
OCSET2
G11
Overcurrent trip threshold pin for output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com