Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1202PBF Datasheet(PDF) 16 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 16 Page - International Rectifier

Back Button IP1202PBF Datasheet HTML 12Page - International Rectifier IP1202PBF Datasheet HTML 13Page - International Rectifier IP1202PBF Datasheet HTML 14Page - International Rectifier IP1202PBF Datasheet HTML 15Page - International Rectifier IP1202PBF Datasheet HTML 16Page - International Rectifier IP1202PBF Datasheet HTML 17Page - International Rectifier IP1202PBF Datasheet HTML 18Page - International Rectifier IP1202PBF Datasheet HTML 19Page - International Rectifier IP1202PBF Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.irf.com
16
iP1202PbF
Only a few external components are required to com-
plete a dual output synchronous buck power supply
using iP1202PbF. The following procedure will guide
the designer through the design and selection pro-
cess of these external components.
A typical application for iP1202PbF will be:
V
IN = 12V, VOUT1 = 1.5V, IOUT1 = 15A, VOUT2 = 2.5V, IOUT2
= 10A, f
sw = 300kHz, Vp-p1 = Vp-p2 = 50mV
Setting the Output Voltage
The output voltage of the iP1202PbF is set by the
0.8V reference Vref and external voltage dividers.
Fig. 17: Typical scheme for output voltage setting
V
OUT1 is set according to equation (1):
V
OUT1 = Vref x (1 + R9 /R7 ) (see Fig. 17)
(1)
Setting R
7 to 1K, VOUT1 to 1.5V and Vref to 0.8V, will
result in R
9= 875 ohms (select 887 ohms). Final val-
ues can be selected according to the desired accu-
racy of the output.
To set the output voltage for Type III compensation,
refer to equation (25) in Type III compensation sec-
tion.
If the 0.8V reference is used to set the voltage for the
second output V
OUT2, VP-ref pin must be shorted to
Vref pin and in a similar way, voltage divider resistors
are selected for the second output V
OUT2. The second
output can also be set by applying an external refer-
iP1202PbF Design Procedure
ence source to VP-ref. In this case, to ensure proper
start-up, power to VP-ref and iP1202PbF must be
applied simultaneuosly.
Setting the Overvoltage Trip
Both outputs of the iP1202PbF will shut down if ei-
ther one of the outputs experiences a voltage in the
range of 115% of V
OUT. The overvoltage sense pins
FB1s and FB2s are connected to the output through
voltage dividers, R
13 and R14 (Fig. 17), and the trip
setpoints are programmed according to equation (1).
Separate overvoltage sense pins FB1
s and FB2s are
provided to protect the power supply output if for some
reason the main feedback loop is lost (for instance,
loss of feedback resistors). An optional 100pF ca-
pacitor (C26) is used for delay and filtering purposes.
If this redundancy is not required and if Type II con-
trol loop compensation scheme is utilized, FB1s and
FB2s pins can be connected to FB1 and FB2 pins
respectively.
In parallel configuration, FB2s should be connected
to FB1s
Setting the Soft-Start Capacitor
The soft start capacitor C
ss is selected according to
equation (2):
t
ss = 40 x Css
(2)
where,
t
ss is the output voltage ramp time in milliseconds,
and C
ss is the soft start capacitor in µF.
A 0.1µF capacitor will provide an output voltage ramp-
up time of about 4ms.
Input Capacitor Selection
The switching currents impose RMS current require-
ments on the input capacitors. The expression in
equation (3) allows the selection of the input capaci-
tors for duty cycles less than 0.5:
where, I
1 and I2 are the load currents for outputs 1
and 2 respectively and D
1 and D2 are the duty cycles
for channel 1 and channel 2 respectively.
For output1 of the above example D= 0.13 and,
For output2 of the above example D = 0.21 and,
For the above example, using equation (3) the ca-
pacitor rms current yields 5.8A.
R9
R7
R13
R14
iP1202
C26
(Optional)
Vout1
FB1
FB1S
For Type II compensation,
()
2
1
2
1
2
2
2
2
1
1
2
1
2
)
1
(
)
1
(
D
D
I
I
D
D
I
D
D
I
I
RMS
+
=
(3)
iP1202PbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com