Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD66GY Datasheet(PDF) 12 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 8Page - STMicroelectronics VD66GY Datasheet HTML 9Page - STMicroelectronics VD66GY Datasheet HTML 10Page - STMicroelectronics VD66GY Datasheet HTML 11Page - STMicroelectronics VD66GY Datasheet HTML 12Page - STMicroelectronics VD66GY Datasheet HTML 13Page - STMicroelectronics VD66GY Datasheet HTML 14Page - STMicroelectronics VD66GY Datasheet HTML 15Page - STMicroelectronics VD66GY Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
3.5
Synchronization modes
The sensor has multiple synchronization modes:
1. Leader mode
–
Image streaming starts right after the execution of a streaming initialization command sent over the I2C
bus
–
After the initialization sequence, wait for a rising edge event on GPIO0 to start streaming images
2. Follower mode
–
Using GPIO pulses
–
Using I²C triggering commands
3.6
General purpose input/outputs (GPIOs)
The sensor provides eight GPIOs:
•
GPIO0 is used as a frame start synchronization signal or as a generic GPIO if not used for this function
•
GPIO[1-7] are used as PWM outputs, pulse (strobe) outputs, VSYNC, or as a generic GPIO, as per the
configuration
Figure 8. GPIO modes
All GPIO settings are fully configurable for the four context setups. Each output signal can be mapped to one or
several of the GPIOs. All GPIOs have configurable polarity.
Figure 9. PWM and pulse overview
During SW_STANDBY state the GPIOs can be controlled as output low/high or input.
VD66GY
Functional description
DS13838 - Rev 7
page 12/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com