Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD66GY Datasheet(PDF) 24 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 20Page - STMicroelectronics VD66GY Datasheet HTML 21Page - STMicroelectronics VD66GY Datasheet HTML 22Page - STMicroelectronics VD66GY Datasheet HTML 23Page - STMicroelectronics VD66GY Datasheet HTML 24Page - STMicroelectronics VD66GY Datasheet HTML 25Page - STMicroelectronics VD66GY Datasheet HTML 26Page - STMicroelectronics VD66GY Datasheet HTML 27Page - STMicroelectronics VD66GY Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
7.3
Color pattern
The VD66GY is a color image sensor featuring a classic 2x2 Bayer pattern, which is composed of red, green and
blue pixels as illustrated in the figure below. This pattern enables host processors to extrapolate the frames of
RAW data output by the VD66GY into an RGB colored image
Figure 15. VD66GY 2x2 pattern
7.4
Microlenses and CRA matching
Each pixel of the matrix has its own microlens covering it.
The purpose of the microlens is to concentrate and optimize photon capture by passing through the module lens
down to the photo diode to increase sensor light sensitivity and to maximize the amount of light received by each
pixel.
The light beam has an incidence angle change when passing through the module lens, increasing from center to
periphery. This is the chief ray angle (CRA).
To compensate for the change of CRA over the matrix, the microlens position over the pixels progressively shifts
from matrix center to matrix borders.
The design of the sensor microlens shift is optimized for matching a lens with CRA of 30° at corners and follows a
linear shift shape.
It is recommended to match the CRA of the lens with the CRA of the image sensor to maximize image quality.
Featuring advanced BSI pixel technology, the VD66GY provides high relative illumination (RI) uniformity up to the
image corners, which enables users to select lenses with different CRA with limited impact.
The following figure presents the CRA tolerance range in lens selection for maintaining a RI uniformity over 90%
across the image.
VD66GY
Pixel performance
DS13838 - Rev 7
page 24/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com