Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD66GY Datasheet(PDF) 13 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 9Page - STMicroelectronics VD66GY Datasheet HTML 10Page - STMicroelectronics VD66GY Datasheet HTML 11Page - STMicroelectronics VD66GY Datasheet HTML 12Page - STMicroelectronics VD66GY Datasheet HTML 13Page - STMicroelectronics VD66GY Datasheet HTML 14Page - STMicroelectronics VD66GY Datasheet HTML 15Page - STMicroelectronics VD66GY Datasheet HTML 16Page - STMicroelectronics VD66GY Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
3.7
Sensor firmware
The sensor is presenting to the host a user interface (bank of registers), accessible via the I²C bus.
The host writes high-level parameters in the user interface and an MCU inside the sensor applies the proper
sensor configuration based on UI settings provided by the host.
3.8
Use case examples
Table 3. Example of functional use cases
Resolution
Maximum fps
Typical data rate
1124 x 1364
88
2 lanes, 800 Mbps per lane
1124 x 1364
88
1 lane, 1500 Mbps
720 x 1280
90
2 lanes, 800 Mbps per lane
640 x 480
210
1 lane at 1500 Mbps
320 x 240
360
1 lane at 1500 Mbps
VD66GY
Functional description
DS13838 - Rev 7
page 13/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com