Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD66GY Datasheet(PDF) 19 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 15Page - STMicroelectronics VD66GY Datasheet HTML 16Page - STMicroelectronics VD66GY Datasheet HTML 17Page - STMicroelectronics VD66GY Datasheet HTML 18Page - STMicroelectronics VD66GY Datasheet HTML 19Page - STMicroelectronics VD66GY Datasheet HTML 20Page - STMicroelectronics VD66GY Datasheet HTML 21Page - STMicroelectronics VD66GY Datasheet HTML 22Page - STMicroelectronics VD66GY Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
6
Application schematic
6.1
Additional components
Dedicated additional capacitors are required to complete the circuit. These are listed in Table 7. Capacitor needs
below. The capacitors should be selected to maintain their capacitance value within the indicated tolerance over
the full range of maximum voltages, operating temperatures, and aging.
Capacitor values are based on capacitor positions (embedded in the camera module or external to the camera
module).
External capacitors are required to properly filter out supply noise. Optimal reference in terms of value and size is
subject to application board architecture and topology. The external capacitor values provided in the table below
may be increased to compensate real supply noise.
Table 7. Capacitor needs
Associated
pin name
Capacitor
position
Typical
voltage
Minimum
capacitance
Typical
capacitance
Maximum
capacitance
Operating
frequencies
Capacitor
ground
Purpose
CPPOS_IN,
CPPOS_OUT
Embedded
3.55 V
330 nF
470 nF
560 nF
160 MHz
AGND
CP tank
capacitor
CPNEG_IN,
CPNEG_OUT
Embedded
-2.0 V
650 nF
0.88 µF
1.04 μF
160 MHz
AGND
CP tank
capacitor
VDDIO
Embedded
1.8 V
1 MHz
DGND
Supply
decoupling
External
1 μF
VCORE
Embedded
1.15 V
470 nF
800 MHz
1 GHz - 1.5
GHz
160 MHz -
200 MHz
DGND
Supply
decoupling
External
10 μF
DGND
Supply
decoupling
VANA
Embedded
2.8 V
100 nF
160 MHz
AGND
Supply
decoupling
External
10 μF
LDO2V4
Embedded
2.4 V
100 nF
1 µF
DC
AGND
LDO
capacitor
VDDAMP
Embedded
1.15 V
100 nF
1 µF
1.5 GHz
DGND
Supply
decoupling
VD66GY
Application schematic
DS13838 - Rev 7
page 19/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com