Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD66GY Datasheet(PDF) 20 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 16Page - STMicroelectronics VD66GY Datasheet HTML 17Page - STMicroelectronics VD66GY Datasheet HTML 18Page - STMicroelectronics VD66GY Datasheet HTML 19Page - STMicroelectronics VD66GY Datasheet HTML 20Page - STMicroelectronics VD66GY Datasheet HTML 21Page - STMicroelectronics VD66GY Datasheet HTML 22Page - STMicroelectronics VD66GY Datasheet HTML 23Page - STMicroelectronics VD66GY Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Figure 11. Application schematic
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21 22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
115
114
111
112
113
101
102
103
104
105
106
107
108
109
110
Cann ot
VANA_2V8
\
o
e
p
p
e
m
n
-
f
s
i
t
l
.
e
st
AGND
AGND
DGND
DGND
DGND
DGND
VCORE_1V1
AGND
VANA_2V8
VANA_2V8
VANA_2V8
VDDIO_1V8
VDDIO_1V8
VDDIO_1V8
AGND
VCORE_1V1
VCORE_1V1
VCORE_1V1
DGND
PORTST
VANA_2V8
CPNEG
DGND
DATA2N
DATA2P
CLKN
CLKP
DATA1N
DATA1P
CSI2
CSI2
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6
GPIO7
XSHUTDOWN
CLKIN
SDA
SCL
Host Interface
CLKIN
Host Interface
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
SDA
SCL
XSHUTDOWN
VDDIO_1V8
C_LDO2V4
AGND
VCORE_1V1
VANA_2V8
AGND
C_CPNEG
LDO2V4
VDDIO_1V8
DGND
C_VDDIO
DGND
C_VCORE
VCORE_1V1
VANA_2V8
AGND
C_VANA
Power supp ly decoup ling
C_CPPOS
AGND
CPPOS
VDDAMP
DGND
C_VDDAMP
AGND
DGND
6.2
Layout guidelines
For good PCB design practice, observe the following image sensor layout:
•
Use power and ground planes to supply power to the sensor.
•
Join grounds i.e. join AGND and DGND into one single, solid GND plane underneath the sensor.
•
Connect this GND plane to the sensor pins with one via per GND pin.
•
To minimize risk of emissions, shield all vias and tracks attached to supplies by their respective GND nets.
•
Maximize copper fill on the power planes near the sensor and use vias to improve heat transfer from the
sensor. Consider including additional heatsinks close to the sensor if it is to be used at high temperatures.
•
Route the high-speed signal pairs of the MIPI CSI-2 interface with balanced and controlled impedance
differential traces (50 Ω single-ended impedance, 100 Ω differential impedance). This is a requirement for
high-speed signaling. Route each pair together and match them in length to target a maximum 10 ps skew.
VCPNEG_IN and VCPNEG_OUT must be connected together with a short track. The required decoupling
capacitor shall be placed on this path and not on an isolated track.
VCPPOS_IN and VCPPOS_OUT must be connected together with a short track. The required decoupling
capacitor shall be placed on this path and not on an isolated track.
VD66GY
Application schematic
DS13838 - Rev 7
page 20/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com