Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD66GY Datasheet(PDF) 29 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 25Page - STMicroelectronics VD66GY Datasheet HTML 26Page - STMicroelectronics VD66GY Datasheet HTML 27Page - STMicroelectronics VD66GY Datasheet HTML 28Page - STMicroelectronics VD66GY Datasheet HTML 29Page - STMicroelectronics VD66GY Datasheet HTML 30Page - STMicroelectronics VD66GY Datasheet HTML 31Page - STMicroelectronics VD66GY Datasheet HTML 32Page - STMicroelectronics VD66GY Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
8.4
CLKIN input
Table 13. Typical CLKIN input
The CLKIN input is for all voltage and temperature conditions.
Symbol
Parameter
Min.
Max.
Unit
VCLKINL
DC-coupled square wave low-level input
-0.3
0.3 x VDDIO
V
VCLKINH
DC-coupled square wave high-level input
0.7 x VDDIO
VDDIO + 0.3
fCLKIN
Clock input frequency
6
27
MHz
CtoCjitter
Clock maximum cycle-to-cycle jitter
—
200
ps
Duty cycle
Clock duty cycle
40
60
%
ICLKIN
Input leakage current
—
10
µA
8.5
Digital inputs
Table 14. Digital inputs over process variations at 60°C
Symbol
Parameter
Min.
Max.
Unit
VIL
Low-level input voltage
-0.3
0.3 x VDDIO
V
VIH
High-level input voltage
0.7 x VDDIO
VDDIO + 0.3
ILeak
Input leakage current (1)
—
10
μA
1. For 0 ≤ VI ≤ VDDIO
8.6
Digital outputs
Table 15. Digital outputs
The digital outputs are over process variations at 60°C.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VOL
Low-level output voltage
IOL = -4 mA
—
0.4
V
VOH
High-level output voltage
IOH = 4 mA
VDDIO - 0.4V
—
Imax
Maximum current
—
—
4
mA
VD66GY
Electrical characteristics
DS13838 - Rev 7
page 29/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com