Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD66GY Datasheet(PDF) 30 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 26Page - STMicroelectronics VD66GY Datasheet HTML 27Page - STMicroelectronics VD66GY Datasheet HTML 28Page - STMicroelectronics VD66GY Datasheet HTML 29Page - STMicroelectronics VD66GY Datasheet HTML 30Page - STMicroelectronics VD66GY Datasheet HTML 31Page - STMicroelectronics VD66GY Datasheet HTML 32Page - STMicroelectronics VD66GY Datasheet HTML 33Page - STMicroelectronics VD66GY Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
8.7
I²C interface - SDA, SCL
Table 16. I²C timing
The values below are for all process, voltage, and temperature conditions.
Parameter
Symbol
Fast mode
Fast mode plus
Unit
Min.
Max.
Min.
Max.
SCL clock frequency
tSCL
0
400
0
1000 kHz
Hold time (repeated) START condition. After this period,
the first clock pulse is generated
tHD.STA
0.6
—
0.26
—
µs
LOW period of the SCL clock
tLOW
1.3
—
0.5
—
HIGH period of the SCL clock
tHIGH
0.6
—
0.26
—
Setup time for a repeated START condition
tSU.STA
0.6
—
0.26
—
Data hold time
tHD.DAT
0
—
0
—
Data set-up time
tSU.DAT
100
—
50
—
ns
Rise time of both SDA and SCL
tR
20
300
—
120
Fall time of both SDA and SCL
tF
20 x (VDD /
5.5V)
300 15 x (VDD / 5.5V) 120
Set-up time for STOP condition
tSU.STO
0.6
—
0.26
—
µs
Bus free time between a STOP and START condition
tBUF
1.3
—
0.5
—
Capacity load for each bus line
CO
—
400
—
550
pF
Data valid time
tVD.DAT
—
0.9
—
0.45
µs
Data valid acknowledge time
tVD.ACK
—
0.9
—
0.45
Noise margin at LOW level for each connected device
(including hysteresis)
VnL
0.054 x VDD
—
0.054 x VDD
—
V
Noise margin at HIGH level for each connected device
(including hysteresis)
VnH
—
—
Figure 20. I²C timing
VD66GY
Electrical characteristics
DS13838 - Rev 7
page 30/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com