Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD66GY Datasheet(PDF) 26 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 22Page - STMicroelectronics VD66GY Datasheet HTML 23Page - STMicroelectronics VD66GY Datasheet HTML 24Page - STMicroelectronics VD66GY Datasheet HTML 25Page - STMicroelectronics VD66GY Datasheet HTML 26Page - STMicroelectronics VD66GY Datasheet HTML 27Page - STMicroelectronics VD66GY Datasheet HTML 28Page - STMicroelectronics VD66GY Datasheet HTML 29Page - STMicroelectronics VD66GY Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
8
Electrical characteristics
The electrical characteristics have been measured under the following typical conditions:
•
Full resolution (1124 x 1364)
•
60 fps
•
Nominal power supply levels
•
External clock at 12 MHz
•
Junction temperature at 60°C
•
Nominal voltage
8.1
Absolute maximum ratings
Caution:
Stresses above those listed under "Absolute maximum ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational sections of the specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Table 9. Absolute maximum ratings
Symbol
Parameter
Max
Unit
VDDIO
Digital IO power supply
2.5
V
VANA
Analog power supply
3.5
V
VCORE
Digital core power supply
1.4
V
VIO
IO referenced to VDDIO
2.5
V
VESD, electrostatic discharge
model
Human body model (HBM)
±2
kV
Charge device model (CDM)
±500
V
8.2
Operating conditions
Table 10. Operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDDIO
Digital IO power
supply
1.7
1.8
1.9
V
VANA
Analog power
supply
2.65
2.8
2.95
VCORE
Digital core power
supply
1.08
1.15
1.26
VIO
IO referenced to
VDDIO
-0.3
—
VDDIO + 0.3
Temperature
T JF
Junction
temperature
(functional
operation)
-30
—
85
°C
VD66GY
Electrical characteristics
DS13838 - Rev 7
page 26/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com