Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD66GY Datasheet(PDF) 31 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 27Page - STMicroelectronics VD66GY Datasheet HTML 28Page - STMicroelectronics VD66GY Datasheet HTML 29Page - STMicroelectronics VD66GY Datasheet HTML 30Page - STMicroelectronics VD66GY Datasheet HTML 31Page - STMicroelectronics VD66GY Datasheet HTML 32Page - STMicroelectronics VD66GY Datasheet HTML 33Page - STMicroelectronics VD66GY Datasheet HTML 34Page - STMicroelectronics VD66GY Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
8.8
CSI-2 interface
8.8.1
DC specification
The DC specifications are evaluated by characterization for all process, voltage, and temperature conditions.
They are not tested in production.
Table 17. CSI-2 interface - high-speed mode - DC specifications
Symbol
Parameter
Min
Typical
Max
Unit
VCMTX
HS transmits static common-mode voltage
150
200
250
mV
VOD
HS transmits differential voltage (1)
140
200
270
VOHHS
HS outputs high voltage (1)
—
—
360
ZOS (2)
Single-ended output impedance
40
50
62.5
Ω
1. Value when driving into load impedance anywhere in the ZID range (80-125 Ω)
2. Characterization data only
Table 18. CSI-2 interface - low-power mode - DC specifications
Symbol
Parameter
Min
Typical
Max
Unit
VOH
Output high-level
1.1
1.2
1.3
V
VOL
Output low-level
-50
—
50
mV
ZOLP
Output impedance
of LP transmitter
110
—
—
Ω
8.8.2
AC specification
Table 19. CSI-2 interface - high-speed mode - AC specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
—
Data rate
250
804
1500
Mbit/s
tclkp
Average data period
—
1.25
—
ns
tr and tf
tf 20% - 80% rise time and fall time
100
—
0.3UI
ps
tskew
Data-to-clock skew
-0.15UI
—
0.15UI
VD66GY
Electrical characteristics
DS13838 - Rev 7
page 31/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com