Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD66GY Datasheet(PDF) 27 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 23Page - STMicroelectronics VD66GY Datasheet HTML 24Page - STMicroelectronics VD66GY Datasheet HTML 25Page - STMicroelectronics VD66GY Datasheet HTML 26Page - STMicroelectronics VD66GY Datasheet HTML 27Page - STMicroelectronics VD66GY Datasheet HTML 28Page - STMicroelectronics VD66GY Datasheet HTML 29Page - STMicroelectronics VD66GY Datasheet HTML 30Page - STMicroelectronics VD66GY Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
8.3
Power consumption
Table 11. Typical power consumption
Values below are measured for the conditions listed in Section 8: Electrical characteristics, but they also include process
variability.
State
VDDIO (nominal)
VCORE (nominal)
VANA (nominal)
Unit
Total power
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ. Max. Unit
Reset
0.0075
0.013 0.017
0.2
2.1
6.5
0.028 0.038
0.05
mA
2.5
—
mW
SW_STANDBY
0.0075
0.013 0.017
1
3.3
7.5
0.028 0.043
0.05
4
—
Streaming image 60 fps
7.5
8.5
11.0
50
57
65
18
22.8
25
145
—
Leader mode 30 fps
—
6.8
—
—
49.5
—
—
17.4
—
120
—
Follower mode 0 fps
—
5.5
—
—
43
—
—
13.5
—
97
—
Table 12. Maximum supply consumption
Values below are measured for the worst conditions of process, voltage, and temperature.
State
VDDIO (mA)
VCORE (mA)
VANA (mA)
SW_STANDBY
0.02
23
0.1
Streaming image 60 fps
11
86
25
8.3.1
Current profile
Figure 18. Start streaming and first frame of typical current profile (mA) over time (ms)
Note:
Figure 18. Start streaming and first frame of typical current profile (mA) over time (ms) is captured at maximum
temperature and voltage.
VD66GY
Electrical characteristics
DS13838 - Rev 7
page 27/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com