Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD66GY Datasheet(PDF) 21 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 17Page - STMicroelectronics VD66GY Datasheet HTML 18Page - STMicroelectronics VD66GY Datasheet HTML 19Page - STMicroelectronics VD66GY Datasheet HTML 20Page - STMicroelectronics VD66GY Datasheet HTML 21Page - STMicroelectronics VD66GY Datasheet HTML 22Page - STMicroelectronics VD66GY Datasheet HTML 23Page - STMicroelectronics VD66GY Datasheet HTML 24Page - STMicroelectronics VD66GY Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
6.3
Device power up sequence
To power on the device:
Provide all the external supplies (VCORE, VDDIO, VANA) according to the device characteristics described
in Section 8: Electrical characteristics. As long as XSHUTDOWN is low, the device is in HW_STANDBY
state.
You can switch on the external supplies and CLKIN in any order.
Set XSHUTDOWN to high.
Figure 12. Power up sequence
The device has power-on-reset (POR) detection cells with hysteresis on VCORE and VDDIO power supplies.
POR is released after a typical delay of 20 μs on the rising edge.
Bursts with a duration of less than 2 μs (typical) are ignored.
Table 8. POR typical threshold
Supply
POR typical threshold rising edge (V) POR typical threshold falling edge (V)
VCORE
0.65
0.55
VDDIO
1.1
0.95
6.4
Device power down sequence
The power down sequence must be done as follows:
1. If the sensor is in STREAMING state, then set it to SW_STANDBY state and wait for the command to
complete.
2. Set XSHUTDOWN to low.
3. External supplies can be switched off in any order, as well as CLKIN.
VD66GY
Application schematic
DS13838 - Rev 7
page 21/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com