Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD66GY Datasheet(PDF) 15 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 11Page - STMicroelectronics VD66GY Datasheet HTML 12Page - STMicroelectronics VD66GY Datasheet HTML 13Page - STMicroelectronics VD66GY Datasheet HTML 14Page - STMicroelectronics VD66GY Datasheet HTML 15Page - STMicroelectronics VD66GY Datasheet HTML 16Page - STMicroelectronics VD66GY Datasheet HTML 17Page - STMicroelectronics VD66GY Datasheet HTML 18Page - STMicroelectronics VD66GY Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
5
Pin description and assignment
Table 5. Pin description
Pin name
Type
Description
Reset
state
Reference supply
Power supply
VCORE
PWR
1.15 V power supply for the digital core
1.15 V
VDDIO
1.8 V power supply for IOs
1.8 V
VANA
2.8 V analog power supply
2.8 V
DGND
Digital ground
VDDIO
AGND
Analog ground
VANA
Reference
LDO2V4
REF
Internal reference (must be connected together)
VANA
VCPNEG_IN
Must be connected to VCPNEG_OUT
VCPNEG_OUT
Must be connected to VCPNEG_IN
VCPPOS_IN
Must be connected to VCPPOS_OUT
VCPPOS_OUT
Must be connected to VCPPOS_IN
VDDAMP
All VDDAMP (internal reference) must be connected
together
VDDIO
CSI-2 interface
DATA1P, DATA1N
MIPI DPHY
CSI-2 data lane 1, positive and negative
Low
VCORE
DATA2P, DATA2N
CSI-2 data lane 2, positive and negative
CLKP, CLKN
CSI-2 clock, positive and negative
Host interface
XSHUTDOWN
I
Reset active low
VDDIO
SDA
IO
I2C data
SCL
I
I2C clock
GPIO0
IO
General-purpose I/O and strobe light control
Low
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6
GPIO7
CLKIN
I
Input clock
Other pins
PORTEST
I
Must be connected to digital ground
VDDIO
NC
Not connected
RCALIB
Not connected
VD66GY
Pin description and assignment
DS13838 - Rev 7
page 15/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com