Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8139ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet
AD8139
Rev. C | Page 3 of 26
SPECIFICATIONS
VS = ±5 V, VOCM = 0 V
TA = 25°C, differential gain = 1, RL, dm = 1 kΩ, RF = RG = 200 Ω, unless otherwise noted. TMIN to TMAX = −40°C to +125°C.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIFFERENTIAL INPUT PERFORMANCE
Dynamic Performance
−3 dB Small Signal Bandwidth
VO, dm = 0.1 V p-p
340
410
MHz
−3 dB Large Signal Bandwidth
VO, dm = 2 V p-p
210
240
MHz
Bandwidth for 0.1 dB Flatness
VO, dm = 0.1 V p-p
45
MHz
Slew Rate
VO, dm = 2 V step
800
V/µs
Settling Time to 0.01%
VO, dm = 2 V step, CF = 2 pF
45
ns
Overdrive Recovery Time
G = 2, VIN, dm = 12 V p-p triangle wave
30
ns
Noise/Harmonic Performance
SFDR
VO, dm = 2 V p-p, fC = 1 MHz
98
dBc
VO, dm = 2 V p-p, fC = 5 MHz
85
dBc
VO, dm = 2 V p-p, fC = 20 MHz
72
dBc
Third-Order IMD
VO, dm = 2 V p-p, fC = 10.05 MHz ± 0.05 MHz
−90
dBc
Input Voltage Noise
f = 100 kHz
2.25
nV/√Hz
Input Current Noise
f = 100 kHz
2.1
pA/√Hz
DC Performance
Input Offset Voltage
VIP = VIN = VOCM = 0 V
−500
±150
+500
µV
Input Offset Voltage Drift
TMIN to TMAX
1.25
µV/°C
Input Bias Current
TMIN to TMAX
2.25
8.0
µA
Input Offset Current
0.12
0.5
µA
Open-Loop Gain
114
dB
Input Characteristics
Input Common-Mode Voltage Range
−4
+4
V
Input Resistance
Differential
600
kΩ
Common mode
1.5
MΩ
Input Capacitance
Common mode
1.2
pF
CMRR
∆VICM = ±1 V dc, RF = RG = 10 kΩ
80
84
dB
Output Characteristics
Output Voltage Swing
Each single-ended output, RF = RG = 10 kΩ
−VS + 0.20
+VS – 0.20
V
Each single-ended output,
RL, dm = open circuit, RF = RG = 10 kΩ
−VS + 0.15
+VS − 0.15
V
Output Current
Each single-ended output
100
mA
Output Balance Error
f = 1 MHz
−69
dB
VOCM TO VO, cm PERFORMANCE
VOCM Dynamic Performance
−3 dB Bandwidth
VO, cm = 0.1 V p-p
515
MHz
Slew Rate
VO, cm = 2 V p-p
250
V/µs
Gain
0.999
1.000
1.001
V/V
VOCM Input Characteristics
Input Voltage Range
−3.8
+3.8
V
Input Resistance
3.5
MΩ
Input Offset Voltage
VOS, cm = VO, cm − VOCM; VIP = VIN = VOCM = 0 V
−900
±300
+900
µV
Input Voltage Noise
f = 100 kHz
3.5
nV/√Hz
Input Bias Current
1.3
4.5
µA
CMRR
∆VOCM/∆VO, dm, ∆VOCM = ±1 V
74
88
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com