Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8139ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
AD8139
Rev. C | Page 9 of 26
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, differential gain = +1, RG = RF = 200 Ω, RL, dm = 1 kΩ, VS = ±5 V, TA = 25°C, VOCM = 0 V. Refer to the basic test
circuit in Figure 57 for the definition of terms.
2
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
1
10
100
1000
FREQUENCY (MHz)
G = 1
G = 2
G = 5
G = 10
RG = 200Ω
VO, dm = 0.1V p-p
Figure 7. Small Signal Frequency Response for Various Gains
5
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
10
100
1000
FREQUENCY (MHz)
VS = ±5V
VS = +5V
VO, dm = 0.1V p-p
Figure 8. Small Signal Frequency Response for Various Power Supplies
3
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
10
100
1000
FREQUENCY (MHz)
VO, dm = 0.1V p-p
+125°C
+85°C
+25°C
–40°C
Figure 9. Small Signal Frequency Response at Various Temperatures
2
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
1
10
100
1000
FREQUENCY (MHz)
G = 1
G = 2
G = 5
G = 10
RG = 200Ω
VO, dm = 2.0V p-p
Figure 10. Large Signal Frequency Response for Various Gains
3
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
10
100
1000
FREQUENCY (MHz)
VS = ±5V
VS = +5V
VO, dm = 2.0V p-p
Figure 11. Large Signal Frequency Response for Various Power Supplies
3
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
10
100
1000
FREQUENCY (MHz)
VO, dm = 2.0V p-p
+125°C
+85°C
–40°C
+25°C
Figure 12. Large Signal Frequency Response at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com