Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8139ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
AD8139
Data Sheet
Rev. C | Page 16 of 26
1.0
3.0
70
95
120
170
145
2.5
2.0
1.5
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
IOS
IBIAS
Figure 49. Input Bias and Offset Current vs. Temperature
–10
–5
–4
–3
–2
–1
0
1
2
3
4
5
–8
–6
–4
–2
0
2
4
6
8
10
VACM (V)
VS = ±5V
VS = +5V
Figure 50. Input Bias Current vs.
Input Common-Mode Voltage
5
–5
–4
–3
–2
–1
0
1
2
3
4
–5
5
4
3
2
1
0
–1
–2
–3
–4
VOCM (V)
VS = ±2.5V
VS = ±5V
Figure 51. VOUT, cm vs. VOCM Input Voltage
20
26
25
24
23
22
21
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VS = +5V
VS = ±5V
Figure 52. Supply Current vs. Temperature
0
300
–600
–400
–200
0
200
400
600
250
200
150
100
50
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VOS, cm
VOS, dm
Figure 53. Offset Voltage vs. Temperature
50
45
40
35
30
25
20
15
10
5
0
VOS, dm (µV)
COUNT = 350
MEAN = –50µV
STD DEV = 100µV
Figure 54. VOS, dm Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com