Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  AD8139ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
AD8139
Data Sheet
Rev. C | Page 2 of 26
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
VS = ±5 V, VOCM = 0 V.................................................................. 3
VS = 5 V, VOCM = 2.5 V ................................................................. 5
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configurations and Function Descriptions............................8
Typical Performance Characteristics ..............................................9
Test Circuits..................................................................................... 18
Theory of Operation ...................................................................... 19
Typical Connection and Definition of Terms ........................ 19
Applications Information .............................................................. 20
Estimating Noise, Gain, and Bandwidth with Matched
Feedback Networks.................................................................... 20
Outline Dimensions....................................................................... 25
Ordering Guide .......................................................................... 26
REVISION HISTORY
6/2016—Rev. B to Rev. C
Changed CP-8-2 to CP-8-13 ........................................ Throughout
Changes to Figure 1 and Figure 2................................................... 1
Changes to Figure 5, Figure 6, and Table 5 ................................... 8
Updated Outline Dimensions....................................................... 25
Changes to Ordering Guide ......................................................... 26
10/2007—Rev. A to Rev. B
Changes to General Description Section ...................................... 1
Added Figure 2; Renumbered Sequentially .................................. 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 5
Changes to Table 6 and Layout ....................................................... 8
Added Figure 6.................................................................................. 8
Changes to Figure 30...................................................................... 12
Changes to Layout .......................................................................... 17
Changes to Figure 63...................................................................... 22
Changes to Exposed Paddle (EP) Section ................................... 23
Updated Outline Dimensions....................................................... 24
8/2004—Rev. 0 to Rev. A
Added 8-Lead LFCSP.........................................................Universal
Changes to General Description Section .......................................1
Changes to Figure 2...........................................................................1
Changes to VS = ±5 V, VOCM = 0 V Specifications .........................3
Changes to VS = 5 V, VOCM = 2.5 V Specifications.........................5
Changes to Table 4.............................................................................7
Changes to Maximum Power Dissipation Section........................7
Changes to Figure 26 and Figure 29............................................. 12
Added Figure 39 and Figure 42; Renumbered Sequentially ..... 14
Changes to Figure 45 to Figure 47................................................ 15
Added Figure 48 ............................................................................. 15
Changes to Figure 52 and Figure 53............................................. 16
Changes to Figure 55 and Figure 56............................................. 17
Changes to Table 6.......................................................................... 19
Changes to Voltage Gain Section ................................................. 19
Changes to Driving a Capacitive Load Section .......................... 22
Changes to Ordering Guide.......................................................... 24
Updated Outline Dimensions....................................................... 24
5/2004—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com