Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8139ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
AD8139
Rev. C | Page 5 of 26
VS = 5 V, VOCM = 2.5 V
TA = 25°C, differential gain = 1, RL, dm = 1 kΩ, RF = RG = 200 Ω, unless otherwise noted. TMIN to TMAX = −40°C to +125°C.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIFFERENTIAL INPUT PERFORMANCE
Dynamic Performance
−3 dB Small Signal Bandwidth
VO, dm = 0.1 V p-p
330
385
MHz
−3 dB Large Signal Bandwidth
VO, dm = 2 V p-p
135
165
MHz
Bandwidth for 0.1 dB Flatness
VO, dm = 0.1 V p-p
34
MHz
Slew Rate
VO, dm = 2 V step
540
V/µs
Settling Time to 0.01%
VO, dm = 2 V step
55
ns
Overdrive Recovery Time
G = 2, VIN, dm = 7 V p-p triangle wave
35
ns
Noise/Harmonic Performance
SFDR
VO, dm = 2 V p-p, fC = 1 MHz
99
dBc
VO, dm = 2 V p-p, fC = 5 MHz, RL = 800 Ω
87
dBc
VO, dm = 2 V p-p, fC = 20 MHz, RL = 800 Ω
75
dBc
Third-Order IMD
VO, dm = 2 V p-p, fC = 10.05 MHz ± 0.05 MHz
−87
dBc
Input Voltage Noise
f = 100 kHz
2.25
nV/√Hz
Input Current Noise
f = 100 kHz
2.1
pA/√Hz
DC Performance
Input Offset Voltage
VIP = VIN = VOCM = 2.5 V
−500
±150
+500
µV
Input Offset Voltage Drift
TMIN to TMAX
1.25
µV/°C
Input Bias Current
TMIN to TMAX
2.2
7.5
µA
Input Offset Current
0.13
0.5
µA
Open-Loop Gain
112
dB
Input Characteristics
Input Common-Mode Voltage Range
1
4
V
Input Resistance
Differential
600
kΩ
Common mode
1.5
MΩ
Input Capacitance
Common mode
1.2
pF
CMRR
ΔVICM = ±1 V dc, RF = RG = 10 kΩ
75
79
dB
Output Characteristics
Output Voltage Swing
Each single-ended output, RF = RG = 10 kΩ
−VS + 0.15
+VS − 0.15
V
Each single-ended output,
RL, dm = open circuit, RF = RG = 10 kΩ
−VS + 0.10
+VS − 0.10
V
Output Current
Each single-ended output
80
mA
Output Balance Error
f = 1 MHz
−70
dB
VOCM TO VO, cm PERFORMANCE
VOCM Dynamic Performance
−3 dB Bandwidth
VO, cm = 0.1 V p-p
440
MHz
Slew Rate
VO, cm = 2 V p-p
150
V/µs
Gain
0.999
1.000
1.001
V/V
VOCM Input Characteristics
Input Voltage Range
1.0
3.8
V
Input Resistance
3.5
MΩ
Input Offset Voltage
VOS, cm = VO, cm − VOCM; VIP = VIN = VOCM = 2.5 V
−1.0
±0.45
+1.0
mV
Input Voltage Noise
f = 100 kHz
3.5
nV/√Hz
Input Bias Current
1.3
4.2
µA
CMRR
ΔVOCM/ΔVO, dm, ΔVOCM = ±1 V
67
79
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com