Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8139ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
AD8139
Data Sheet
Rev. C | Page 12 of 26
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
100
FREQUENCY (MHz)
VO, dm = 2.0V p-p
RF = 200Ω
RF = 500Ω
RF = 1kΩ
Figure 25. Second Harmonic Distortion vs. Frequency and RF
–80
–90
–100
–110
–120
–130
–140
–150
0
1234
5678
VO, dm (V p-p)
FC = 2MHz
VS = +5V
VS = ±5V
Figure 26. Second Harmonic Distortion vs. Output Amplitude
–60
–130
–100
–120
–110
–90
–80
–70
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VOCM (V)
VO, dm = 2V p-p
FC = 2MHz
SECOND HARMONIC
THIRD HARMONIC
Figure 27. Harmonic Distortion vs. VOCM, VS = +5 V
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
100
FREQUENCY (MHz)
VO, dm = 2.0V p-p
RF = 200Ω
RF = 1kΩ
RF = 500Ω
Figure 28. Third Harmonic Distortion vs. Frequency and RF
–80
–90
–100
–110
–120
–130
–140
–150
08
7
6
5
4
3
2
1
VO, dm (V p-p)
FC = 2MHz
VS = +5V
VS = ±5V
Figure 29. Third Harmonic Distortion vs. Output Amplitude
–60
–130
–100
–120
–110
–90
–80
–70
–5
–4
–3
–2
–1
0
1
2
3
4
5
VOCM (V)
VO, dm = 2V p-p
FC = 2MHz
SECOND HARMONIC
THIRD HARMONIC
Figure 30. Harmonic Distortion vs. VOCM, VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com