Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8139ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Data Sheet
AD8139
Rev. C | Page 19 of 26
THEORY OF OPERATION
The AD8139 is a high speed, low noise differential amplifier
fabricated on the Analog Devices second-generation extra fast
complementary bipolar (XFCB) process. It is designed to
provide two closely balanced differential outputs in response
to either differential or single-ended input signals. Differential
gain is set by external resistors, similar to traditional voltage-
feedback operational amplifiers. The common-mode level of
the output voltage is set by a voltage at the VOCM pin and is
independent of the input common-mode voltage. The AD8139
has an H-bridge input stage for high slew rate, low noise, and
low distortion operation and rail-to-rail output stages that
provide maximum dynamic output range. This set of features
allows for convenient single-ended-to-differential conversion,
a common need to take advantage of modern high resolution
ADCs with differential inputs.
TYPICAL CONNECTION AND DEFINITION OF
TERMS
Figure 59 shows a typical connection for the AD8139, using
matched external RF/RG networks. The differential input terminals
of the AD8139, VAP and VAN, are used as summing junctions.
An external reference voltage applied to the VOCM terminal sets
the output common-mode voltage. The two output terminals,
VOP and VON, move in opposite directions in a balanced fashion
in response to an input signal.
+
–
VAP
VAN
VON
VOP
–
+
VO, dm
RL, dm
AD8139
CF
RF
RG
RG
CF
RF
VIP
VOCM
VIN
Figure 59. Typical Connection
The differential output voltage is defined as
VO, dm = VOP − VON
(1)
Common-mode voltage is the average of two voltages. The
output common-mode voltage is defined as
2
ON
OP
cm
O,
V
V
V
(2)
Output Balance
Output balance is a measure of how well VOP and VON are
matched in amplitude and how precisely they are 180° out of
phase with each other. It is the internal common-mode feedback
loop that forces the signal component of the output common-mode
towards zero, resulting in the near perfectly balanced differential
outputs of identical amplitude and exactly 180° out of phase. The
output balance performance does not require tightly matched
external components, nor does it require that the feedback factors
of each loop be equal to each other. Low frequency output balance
is limited ultimately by the mismatch of an on-chip voltage divider,
which is trimmed for optimum performance.
Output balance is measured by placing a well-matched resistor
divider across the differential voltage outputs and comparing
the signal at the midpoint of the divider with the magnitude of
the differential output. By this definition, output balance is
equal to the magnitude of the change in output common-mode
voltage divided by the magnitude of the change in output
differential-mode voltage:
dm
O,
cm
O,
V
V
Balance
Output
Δ
Δ
(3)
The block diagram of the AD8139 in Figure 60 shows the
external differential feedback loop (RF/RG networks and the
differential input transconductance amplifier, GDIFF) and the
internal common-mode feedback loop (voltage divider across
VOP and VON and the common-mode input transconductance
amplifier, GCM). The differential negative feedback drives the
voltages at the summing junctions VAN and VAP to be essentially
equal to each other.
VAN = VAP
(4)
The common-mode feedback loop drives the output common-
mode voltage, sampled at the midpoint of the two 500 Ω resistors,
to equal the voltage set at the VOCM terminal. This ensures that
2
dm
O,
OCM
OP
V
V
V
(5)
and
2
dm
O,
OCM
ON
V
V
V
(6)
VOP
VOCM
GO
GDIFF
GO
GCM
10pF
10pF
500Ω
500Ω
VON
MIDSUPPLY
+
+
VAN
VIN
VIP
VAP
RG
RG
RF
RF
Figure 60. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com