Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8139ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
AD8139
Data Sheet
Rev. C | Page 24 of 26
Because this is a single-ended-to-differential application on a
single supply, the input common-mode voltage swing must be
checked. From Figure 64, β = 0.52, VOCM = 2.4 V, and VICM is
1.1 V p-p swinging about ground. Using Equation 16, VACM is
calculated to be 0.53 V p-p swinging about a baseline of 1.25 V,
and the minimum negative excursion is approximately 1 V.
Exposed Paddle (EP)
The 8-lead SOIC and the 8-lead LFCSP have an exposed paddle
on the bottom of the package. To achieve the specified thermal
resistance, the exposed paddle must be soldered to one of the
PCB planes. The exposed paddle mounting pad should contain
several thermal vias within it to ensure a low thermal path to
the plane.
AD8139
+
–
8
2
1
6
3
4
2.4V
2V p-p
RT
61.9Ω
5
VOCM
200Ω
226Ω
205Ω
205Ω
25Ω
25Ω
0.01µF
0.01µF
0.01µF
AIN
AIN
GND C1
0.1µF
C2
VREF
0.1µF
AVCC
DVCC
5V
3.3V
AD6645
VS
SIGNAL
SOURCE
50Ω
Figure 64. AD8139 Driving AD6645, 14-Bit, 80 MSPS/105 MSPS ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com