Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8139ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
AD8139
Data Sheet
Rev. C | Page 14 of 26
–1.5
–1.0
–0.5
1.0
0.5
0
1.5
TIME (ns)
10ns/DIV
VO, cm = 2V p-p
VIN, dm = 0V
±5V
+5V
Figure 37. VOCM Large Signal Transient Response
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
1
10
100
500
FREQUENCY (MHz)
VIN, cm = 0.2V p-p
INPUT CMRR = ∆VO, cm/∆VIN, cm
RF = RG = 200Ω
RF = RG = 10kΩ
Figure 38. CMRR vs. Frequency
1
10
100
1k
10k
100k
1M
10M
1G
100M
10
100
FREQUENCY (Hz)
Figure 39. Input Voltage Noise vs. Frequency
6
–9
–7
–8
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
10
100
1000
FREQUENCY (MHz)
VO, cm = 0.1V p-p
VO, cm = 2.0V p-p
VS = +5V
VS = +5V
VS = ±5V
VS = ±5V
Figure 40. VOCM Frequency Response for Various Supplies
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
1
10
100
500
FREQUENCY (MHz)
VO, cm = 0.2V p-p
VOCM CMRR = ∆VO, dm/∆VO, cm
Figure 41. VOCM CMRR vs. Frequency
1
10
100
1k
10k
100k
1M
10M
1G
100M
10
100
FREQUENCY (Hz)
Figure 42. VOCM Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com