Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8139ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
AD8139
Rev. C | Page 11 of 26
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
100
FREQUENCY (MHz)
VO, dm = 2.0V p-p
VS = +5V
VS = ±5V
Figure 19. Second Harmonic Distortion vs. Frequency and Supply Voltage
–30
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
100
FREQUENCY (MHz)
VO, dm = 2.0V p-p
G = 1
G = 2
G = 5
Figure 20. Second Harmonic Distortion vs. Frequency and Gain
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
100
FREQUENCY (MHz)
VO, dm = 2.0V p-p
RL = 100Ω
RL = 200Ω
RL = 500Ω
RL = 1kΩ
Figure 21. Second Harmonic Distortion vs. Frequency and Load
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
100
FREQUENCY (MHz)
VO, dm = 2.0V p-p
VS = +5V
VS = ±5V
Figure 22. Third Harmonic Distortion vs. Frequency and Supply Voltage
–30
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
100
FREQUENCY (MHz)
VO, dm = 2.0V p-p
G = 1
G = 2
G = 5
Figure 23. Third Harmonic Distortion vs. Frequency and Gain
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
100
FREQUENCY (MHz)
VO, dm = 2.0V p-p
RL = 100Ω
RL = 200Ω
RL = 500Ω
RL = 1kΩ
Figure 24. Third Harmonic Distortion vs. Frequency and Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com