Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8139ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
AD8139
Data Sheet
Rev. C | Page 10 of 26
3
–12
–10
–11
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
10
100
1000
FREQUENCY (MHz)
VO, dm = 0.1V p-p
RL = 100Ω
RL = 200Ω
RL = 500Ω
RL = 1kΩ
Figure 13. Small Signal Frequency Response for Various Loads
3
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
10
100
1000
FREQUENCY (MHz)
VO, dm = 0.1V p-p
CF = 1pF
CF = 2pF
CF = 0pF
Figure 14. Small Signal Frequency Response for Various CF
6
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
10
100
1000
FREQUENCY (MHz)
VO, dm = 0.1V p-p
VOCM = +4.3V
VOCM = +4V
VOCM = 0V
VOCM = –4V
VOCM = –4.3V
Figure 15. Small Signal Frequency Response at Various VOCM
–13
–12
–10
–11
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
10
100
1000
FREQUENCY (MHz)
VO, dm = 2.0V p-p
RL = 100Ω
RL = 200Ω
RL = 500Ω
RL = 1kΩ
Figure 16. Large Signal Frequency Response for Various Loads
2
–13
–11
–12
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
10
100
1000
FREQUENCY (MHz)
VO, dm = 2.0V p-p
CF = 0pF
CF = 1pF
CF = 2pF
Figure 17. Large Signal Frequency Response for Various CF
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
1
10
100
FREQUENCY (Hz)
RL = 1kΩ
(VO, dm = 0.1V p-p)
RL = 1kΩ
(VO, dm = 2.0V p-p)
RL = 100Ω
(VO, dm = 0.1V p-p)
RL = 100Ω
(VO, dm = 2.0V p-p)
Figure 18. 0.1 dB Flatness for Various Loads and Output Amplitudes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com