Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139ACPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8139ACPZ-R2
Description  Low Noise, Rail-to-Rail, Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139ACPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8139ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8139ACPZ-R2 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
AD8139
Data Sheet
Rev. C | Page 22 of 26
One way to avoid the input common-mode swing limitation is
to bias VIN and VREF at midsupply. In this case, VIN is 5 V p-p
swinging about a baseline at 2.5 V, and VREF is connected to a
low-Z 2.5 V source. VICM now has an amplitude of 2.5 V p-p and
is swinging about 2.5 V. Using the results in Equation 17, VACM
is calculated to be equal to VICM because VOCM = VICM. Therefore,
VACM swings from 1.25 V to 3.75 V, which is well within the
input common-mode voltage limits of the AD8139. Another
benefit seen in this example is that because VOCM = VACM = VICM
no wasted common-mode current flows. Figure 62 illustrates
how to provide the low-Z bias voltage. For situations that do not
require a precise reference, a simple voltage divider suffices to
develop the input voltage to the buffer.
VIN
0V TO 5V
AD8139
+
–
8
2
1
6
3
4
5
VOCM
200Ω
324Ω
5V
200Ω
324Ω
0.1µF
0.1µF
10µF
+
AD8031
+
–
0.1µF
5V
ADR431
2.5V
REFERENCE
TO AD7674 REFBUFIN
Figure 62. Low-Z 2.5 V Buffer
Another way to avoid the input common-mode swing limitation is
to use dual power supplies on the AD8139. In this case, the
biasing circuitry is not required.
Bandwidth vs. Closed-Loop Gain
The 3 dB bandwidth of the AD8139 decreases proportionally
to increasing closed-loop gain in the same way as a traditional
voltage feedback operational amplifier. For closed-loop gains
greater than 4, the bandwidth obtained for a specific gain can be
estimated as
)
MHz
300
(
,
dB
3
,
F
G
G
dm
OUT
R
R
R
V
f
(20)
or equivalently, β(300 MHz).
This estimate assumes a minimum 90° phase margin for the
amplifier loop, which is a condition approached for gains greater
than 4. Lower gains show more bandwidth than predicted by
the equation due to the peaking produced by the lower
phase margin.
Estimating DC Errors
Primary differential output offset errors in the AD8139 are due
to three major components: the input offset voltage, the offset
between the VAN and VAP input currents interacting with the
feedback network resistances, and the offset produced by the dc
voltage difference between the input and output common-mode
voltages in conjunction with matching errors in the feedback
network.
The first output error component is calculated as


G
G
F
IO
R
R
R
V
e1
Vo _
, or equivalently as VIO/β
(21)
where VIO is the input offset voltage. The input offset voltage of the
AD8139 is laser trimmed and guaranteed to be less than 500 μV.
The second error is calculated as

F
IO
G
F
F
G
G
G
F
IO
R
I
R
R
R
R
R
R
R
I
e2
Vo




_
(22)
where IIO is defined as the offset between the two input bias
currents.
The third error voltage is calculated as
Vo_e3 = Δenr × (VICM − VOCM)
(23)
where Δenr is the fractional mismatch between the two
feedback resistors.
The total differential offset error is the sum of these three error
sources.
Other Impact of Mismatches in the Feedback Networks
The internal common-mode feedback network still forces the
output voltages to remain balanced, even when the RF/RG feedback
networks are mismatched. However, the mismatch causes a gain
error proportional to the feedback network mismatch.
Ratio-matching errors in the external resistors degrade the ability
to reject common-mode signals at the VAN and VIN input terminals,
much the same as with a four-resistor difference amplifier made
from a conventional op amp. Ratio-matching errors also produce a
differential output component that is equal to the VOCM input
voltage times the difference between the feedback factors (βs).
In most applications using 1% resistors, this component amounts
to a differential dc offset at the output that is small enough to be
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com