Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 28Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 29Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 30Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
27 of 57
Figure 22. Harmonic Distortion vs. Frequency for
Various Gains
Figure 25. Harmonic Distortion vs. Frequency for
Various VOUT,dm
Figure 23. Harmonic Distortion vs. VOCM, f = 1 kHz, ±5 V
Supplies
Figure 26. Harmonic Distortion vs. VOUT,dm for Various
Supplies, f = 1 kHz
Figure 24. Harmonic Distortion vs. VOCM, f = 1 kHz, ±2.5
V Supplies
Figure27. Harmonic Distortion vs. Frequency for
Various RF and RG Values
–20
–160
100
1k
10k
100k
1M
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
VOUT, dm = 8V p-p
HD2, G = 1
HD3, G = 2
HD3, G = 1
HD2, G = 2
–20
–160
100
1k
10k
100k
1M
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
HD2 AT VOUT, dm = 8V p-p
HD3 AT VOUT, dm = 8V p-p
HD2 AT VOUT, dm = 4V p-p
HD3 AT VOUT, dm = 4V p-p
HD2 AT VOUT, dm = 2V p-p
HD3 AT VOUT, dm = 2V p-p
–20
–160
–5
5
VOCM (V)
–140
–120
–100
–80
–60
–40
–4
–3
–2
–1
0
1
2
3
4
VOUT, dm = 2V p-p
HD2
HD3
–160
–140
–120
–100
–80
–60
–40
–20
0
2
4
6
8
10
12
14
16
18
20
VOUT, dm (V p-p)
VS = ±2.5V HD3
VS = +3V, 0V HD3
VS = ±2.5V HD2
f = 1kHz
VS = ±5V HD3
VS = ±5V HD3
VS = +3V, 0V HD2
–20
–160
–2.5
2.5
VOCM (V)
–140
–120
–100
–80
–60
–40
–2.0 –1.5 –1.0
–0.5
0
0.5
1.0
1.5
2.0
VOUT, dm = 2V p-p
HD2
HD3
–20
–160
100
1k
10k
100k
1M
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
VOUT, dm = 8V p-p
HD2, RF = RG = 499Ω
HD3, RF = RG = 1kΩ
HD3, RF = RG = 499Ω
HD3, RF = RG = 1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com