Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
12 of 57
(VS= 5 V VOCM = midsupply, G = 1, RF = RG = 499 Ω, RL,dm = 1 kΩ, TA = 25°C, unless otherwise noted. All specifications
refer to single-ended input and differential outputs, unless otherwise noted. Refer to Figure 98 for circuits
definitions.)
PARAMETER
SYMBOL
TEST
CONDITIONS/COMMENTS
FULL POWER
MODE
LOW POWER MODE
UNIT
MIN
TYP
MAX MIN
TYP
MAX
Input Offset
Voltage Drift
VOS_TC
TA = 20°C to 85°C
±0.1
±0.5
±0.1
±0.5
µV/°C
TA = −40°C to +125°C
±0.2
±1.0
±0.2
±1.0
µV/°C
Input Bias Current
IB
TA = 25°C
−1.2
−2.5
−0.5
−0.8
µA
TA = 20°C to 85°C
−1.5
−3.0
−0.6
−1.0
µA
TA = −40°C to +125°C
−1.8
−3.4
−0.7
−1.2
µA
Input Bias Current
Drift
IB_TC
TA = 20°C to 85°C
−10
−50
−10
−50
nA/°C
TA = −40°C to +125°C
−10
−50
−10
−50
nA/°C
Input Offset
Current
IOS
TA= 25°C
±20
±200
±10
±130
nA
TA = 20°C to 85°C
±25
±250
±20
±150
nA
TA = −40°C to +125°C
±40
±300
±25
±200
nA
Input Offset
Current Drift
IOS_TC
TA = 20°C to 85°C
±0.1
±0.6
±0.06 ±0.38
nA/°C
TA = −40°C to +125°C
±0.12 ±0.7
±0.07
±0.4
nA/°C
VCM Range
VCM
−VS
+VS
−1.3
−VS
+VS
−1.3
V
Input Resistance
RIN, DIFF
Differential
50
50
kΩ
RIN, CM
Common mode
50
50
MΩ
Input Capacitance
CIN
1
1
pF
CMRR
VCM = 0.5 V to 3.7 V
−110
−110
dB
Open-Loop Gain
AOL
VOUT = ±4 V
120
115
dB
OUTPUT CHARACTERISTICS
Output Voltage
Swing
VOUT
RL = 100 Ω
−VS
+
0.55
+VS
−
0.55
−VS
+
0.55
+VS
−
0.55
V
Output Voltage
Swing
VOUT
RL = 1 kΩ
−VS
+0.1
+VS
−0.1
−VS
+0.1
+VS
−0.1
V
Short-Circuit
Current
ISC
170
140
mA
peak
Output Balance
Error
f = 100 kHz,
ΔVOUT,cm/ΔVOUT,dm
100
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com