Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 55 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 49Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 50Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 51Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 52Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 54Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 55Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 56Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 57Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
55 of 57
Table 15. Recommended Converters
Product
Power (mW)
Throughput (MSPS)
Resolution (Bits)
SNR (dB)
AD4001
16
2
16
96
AD4003
16
2
18
100
AD4005
8
1
16
96
AD4007
8
1
18
100
AD4011
4
0.5
18
100
AD4020
20
2
20
100
LAYOUT, GROUNDING, AND BYPASSING
As a high speed device, the ADA4945-1 is sensitive to the PCB environment in which it operates. Using the superior
performance of the ADA4945-1 requires attention to the details of high speed PCB design.
Ensure that signal routing is short and direct to avoid parasitic effects. Wherever complementary signals exist,
provide a symmetrical layout to maximize balanced performance. When routing differential signals over a long
distance, ensure that PCB traces are close together, and twist any differential wiring such that loop area is minimized.
This configuration reduces radiated energy and makes the circuit less susceptible to interference.
Bypass the power supply pins as near to the device as possible and directly to a nearby ground plane. Use high
frequency ceramic chip capacitors. Use two parallel bypass capacitors (0.1 µF and 10 µF) for each supply. Place the
0.1 µF capacitor as near to the device as possible. Further away, provide low frequency bypassing using 10 µF
tantalum capacitors from each supply to ground.
The ground plane must be as continuous and unbroken as possible to provide a low impedance path for return
currents to the supply. As such, the ground plane should be kept free of any signal traces or other interruptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com