Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 46 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 42Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 43Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 44Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 45Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 46Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 47Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 48Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 49Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
46 of 57
APPLICATIONS INFORMATION
Analyzing an Application Circuit
The ADA4945-1 uses open-loop gain and negative feedback to force the differential and common-mode output
voltages to minimize the differential and common-mode error voltages. The differential error voltage is the voltage
between the differential inputs labeled +IN and −IN (see Figure 98). For most purposes, this voltage is 0 V. Similarly,
the difference between the actual output common-mode voltage and the voltage applied to VOCM is also 0 V. Starting
from these two assumptions, any application circuit can be analyzed.
Setting the Closed-Loop Gain
Determine the differential mode gain of the circuit in Figure 98 by using the following equation:
|
VOUT,dm
VIN,dm
| =
RF
RG
This calculation assumes that the input resistors (RG) and feedback resistors (RF) on each side are equal.
Estimating the Output Noise Voltage
The differential output noise of the ADA4945-1 can be estimated by using the noise model in Figure 102. The input-
referred noise voltage density, vnIN, is modeled as a differential input, and the noise currents, inIN− and inIN+, appear
between each input and ground. The noise currents are assumed equal and produce a voltage across the parallel
combination of the gain and feedback resistances. vnCM is the noise voltage density at the VOCM pin. Each of the four
resistors contributes (4kTRx) 1/2. Table 13 summarizes the input noise sources, the multiplication factors, and the
output referred noise density terms. For more noise calculation information, go to the Analog Devices Differential
Amplifier Calculator (DiffAmpCalc™), click ADIDiffAmpCalculator.zip, and follow the on-screen prompts.
Figure 102. ADA4945-1 Noise Model
As with conventional op amps, the output noise voltage densities can be estimated by multiplying the input
referred terms at +IN and −IN by the appropriate output factor, where:
GN =
2
(β1+β2)
is the circuit noise gain.
β1 =
RG1
RF1 + RG1
and β2 =
RG2
RF2 + RG2
are the feedback factors. When RF1/RG1 = RF2/RG2, then β1 = β2 = β, and the noise gain becomes
GN =
1
β
= 1 +
RF
RG
ADA4945-1
+
RF2
VnOD
VnCM
VOCM
VnIN
RF1
RG2
RG1
VnRF1
VnRF2
VnRG1
VnRG2
inIN+
inIN–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com