Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 43 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 39Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 40Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 41Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 42Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 43Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 44Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 45Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 46Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
43 of 57
THEORY OF OPERATION
Figure 99. ADA4945-1 Architectural Block Diagram
The ADA4945-1 is a high speed, low power differential amplifier fabricated on Analog Devices advanced dielectrically
isolated SiGe bipolar process. The device provides two closely balanced differential outputs in response to either
differential or single-ended input signals. An external feedback network that is similar to a voltage feedback
operational amplifier sets the differential gain. The output common-mode voltage is independent of the input
common-mode voltage and is set by an external voltage at the VOCM terminal. The PNP input stage allows input
common-mode voltages between the negative supply and 1.3 V less than the positive supply. A rail-to-rail output
stage supplies a wide output voltage range. The DISABLE pin can reduce the supply current (Iq) of the amplifier to 50
µA.
Fully Differential and Common-Mode Signal Paths
Figure 99 shows a simplified diagram of the ADA4945-1 architecture. The differential feedback loop consists of the
differential transconductance (GDIFF) working through the GO output buffers and the RF/RG feedback networks. The
common-mode feedback loop is set up with a voltage divider across the two differential outputs to create an output
voltage midpoint (VOUT(CM)) and a common-mode transconductance (GCM).
The differential feedback loop forces the voltages at +IN and −IN to equal each other. This voltage equalization sets
the following relationships:
+DIN
RG
= −
V−OUT
RF
−DIN
RG
= −
V+OUT
RF
Subtracting the previous equations gives the relationship that shows RF and RG setting the differential gain.
(V+OUT − V−OUT) = (+DIN − (−DIN)) ×
RF
RG
GO
CC
RF
RG
GCM
GDIFF
GO
RG
–OUT
+OUT
RF
+DIN
–DIN
+IN
–IN
VOCM
CC
OUTPUT
CLAMP
+VCLAMP
–VCLAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com