Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
11 of 57
(VS= 5 V VOCM = midsupply, G = 1, RF = RG = 499 Ω, RL,dm = 1 kΩ, TA = 25°C, unless otherwise noted. All specifications
refer to single-ended input and differential outputs, unless otherwise noted. Refer to Figure 98 for circuits
definitions.)
PARAMETER
SYMBOL
TEST
CONDITIONS/COMMENTS
FULL POWER
MODE
LOW POWER MODE
UNIT
MIN
TYP
MAX MIN
TYP
MAX
Input Overdrive
Recovery
G = 1, VIN,dm = 10 V p-p,
triangular waveform
300
500
ns
Output Overdrive
Recovery
G = 2, VIN,dm = 6 V p-p,
triangular waveform
145
80
ns
NOISE/HARMONIC PERFORMANCE
NOISE/HARMONIC
PERFORMANCE
VOUT,dm = 8 V p-p
Second Harmonic
Distortion
HD2
fC = 1 kHz
-133
-133
dBc
fC = 100 kHz
-133
-133
dBc
fC= 100 kHz, G = 2
-128
-128
dBc
fC = 1 MHz
-95
-68
dBc
Third Harmonic
Distortion
HD3
fC = 1 kHz
-140
-138
dBc
fC = 100 kHz
-116
-116
dBc
fC = 100 kHz, G = 2
-123
-122
dBc
fC = 1 MHz
-88
-62
dBc
Input Voltage
Noise Differential
VN, DIFF
f = 10 Hz
5
6
nV/√Hz
f = 100 kHz
2.0
3.5
nV/√Hz
1/f corner frequency
100
40
Hz
Input Voltage
Noise Common
Mode
VN, CM
f = 10 Hz
350
284
nV/√Hz
f = 100 kHz
30
38
nV/√Hz
1/f corner frequency
1000
1000
Hz
Integrated
Voltage Noise
0.1 Hz to 10 Hz
35
35
nV rms
Input Current
Noise
IN
f = 10 Hz
17
7
pA/√Hz
f= 100 kHz
1.0
0.6
pA/√Hz
1/f corner frequency
2000
1000
Hz
INPUT CHARACTERISTICS
Input Offset
Voltage
VOS
25°C
±10
±50
±10
±50
µV
TA = 20°C to 85°C
±15
±80
±15
±80
µV
TA = −40°C to +125°C
±30
±115
±30
±115
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com