Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4945-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Data Sheet
ADA4945-1
High Speed, ±0.1 µV/˚C Offset Drift, Fully Differential ADC Driver
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Broad power supply range: 3 V to 10 V
Wide input common-mode voltage range:
−VS to +VS − 1.3 V
Rail-to-rail output
Fully specified dual power mode operation
4 mA full power mode (145 MHz)
1.4 mA low power mode (80 MHz)
Full power mode
Low harmonic distortion
−133 dBc HD2 and −140 dBc HD3 at 1 kHz
−133 dBc HD2 and −116 dBc HD3 at 100 kHz
Fast settling time
18-bit: 100 ns
16-bit: 50 ns
Input voltage noise: 2.0 nV/√Hz, f = 100 kHz
±115 μV maximum offset voltage from
−40°C to +125°C
Adjustable output clamps for ADC input protection
APPLICATIONS
Low power Σ-Δ, PulSAR®, and SAR ADC drivers
Single-ended to differential converters
Differential buffers
Medical imaging
Process control
Portable electronics
GENERAL DESCRIPTION
The ADA4945-1 is a low-noise, low-distortion, fully
differential amplifier with two selectable power modes.
The device operates over a broad power supply range
of 3 V to 10 V. The low DC offset, DC offset drift, and
excellent dynamic performance of the ADA4945-1 make
it well suited for a variety of data acquisition and signal
processing applications. The device is an ideal choice
for driving high-resolution, high-performance
successive approximation register (SAR) and Σ-Δ
analog-to-digital converters (ADCs) on 4 mA of
quiescent current (full power mode). The device can
also be selected to operate on 1.4 mA of quiescent
current (low power mode) to scale the power
consumption to the desired performance necessary for
an ADC drive application. The adjustable common-
mode voltage allows the ADA4945-1 to match the input
common-mode voltage of multiple ADCs. The internal
common-mode feedback loop provides exceptional
output balance, as well as suppression of even order
harmonic distortion products.
With the ADA4945-1, differential gain configurations are
achieved with a simple external feedback network of
four resistors determining the closed-loop gain of the
amplifier. The ADA4945-1 is fabricated using Analog
Devices, Inc., proprietary, silicon germanium (SiGe),
complementary bipolar process, enabling the device to
achieve low levels of distortion with an input voltage
noise of only 2.0 nV/√Hz (full power mode).
The ADA4945-1 is available in a RoHS-compliant, 3 mm
× 3 mm, 16-lead LFCSP package. It is specified to
operate from −40°C to +125°C.


Similar Part No. - ADA4945-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4945-1ACPZ-R2 AD-ADA4945-1ACPZ-R2 Datasheet
1Mb / 44P
High Speed Offset Drift Fully Differential ADC Driver
4/2019-Revision 0
More results

Similar Description - ADA4945-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4960-1 AD-ADA4960-1 Datasheet
115Kb / 6P
Low Distortion Ultrahigh Speed Differential ADC Driver
Rev. PrB
logo
Texas Instruments
THS770012 TI1-THS770012 Datasheet
1Mb / 35P
Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
logo
Analog Devices
AN-1026 AD-AN-1026 Datasheet
361Kb / 16P
High Speed Differential ADC Driver Design Considerations
REV. 0
logo
Texas Instruments
THS770006 TI1-THS770006_14 Datasheet
1Mb / 40P
Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
THS770012 TI1-THS770012_14 Datasheet
1Mb / 36P
Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
logo
Maxim Integrated Produc...
MAX11902 MAXIM-MAX11902 Datasheet
914Kb / 29P
Fully Differential SAR ADC
Rev 0; 9/14
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
Texas Instruments
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
Ultra-Low Distortion Fully-Differential Precision ADC Driver
logo
Analog Devices
ADA4945-1 AD-ADA4945-1 Datasheet
1Mb / 44P
High Speed Offset Drift Fully Differential ADC Driver
4/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com