Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
7 of 57
(SUPPLY VOLTAGE (VS) = 10 V Output common-mode voltage (VOCM) = midsupply, Gain (G) = 1, feedback resistance
(RF) = gain resistance (RG) = 499 Ω, differential load resistance (RL,dm) = 1 kΩ, and TA = 25°C, unless otherwise
noted. All specifications refer to single-ended input and differential outputs, unless otherwise noted. Refer to
Figure 98 for circuit definitions.)
PARAMETER
SYMBOL
TEST
CONDITIONS/COMMENTS
FULL POWER MODE
LOW POWER MODE
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset
Current Drift
IOS_TC
TA = 20°C to 85°C
±0.1
±0.6
±0.06 ±0.38
nA/°C
TA = −40°C to +125°C
±0.12 ±0.7
±0.07 ±0.4
nA/°C
Input Common-
Mode Voltage
Range
VCM
−VS
+VS
− 1.3
−VS
+VS
− 1.3
V
Input Resistance
RIN, DIFF
Differential
50
50
kΩ
RIN, CM
Common mode
50
50
MΩ
Input Capacitance
CIN
1
1
pF
Common-Mode
Rejection Ratio
CMRR
VCM = 0.5 V to 8.7 V
-110
-110
dB
Open-Loop Gain
AOL
Output voltage (VOUT) =
±4 V
120
115
dB
OUTPUT CHARACTERISTICS
Output Voltage
Swing
VOUT
Load resistance (RL) = 100
Ω for each single-ended
output
−VS
+
0.55
+VS
−
0.55
−VS
+
0.55
+VS
−
0.55
V
RL = 1 kΩ
−VS
+0.1
+VS
−0.1
−VS
+0.1
+VS
−0.1
V
Short-Circuit
Current
ISC
170
140
mA
peak
Output Balance
Error
f = 100 kHz,
ΔVOUT,cm/ΔVOUT,dm
100
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com