Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
19 of 57
Table 9. General Performance
PARAMETER
SYMBOL
TEST
CONDITIONS/COMMENTS
FULL POWER
MODE
LOW POWER
MODE
UNIT
MIN
TYP
MAX MIN
TYP
MAX
CLAMP
Clamp Output
Voltage
Differential
−VS
−0.5
+VS
+0.5
−VS
−0.5
+VS
+0.5
V
Common mode
−VS
+VS
−VS
+VS
V
Recovery Time
100
100
ns
Input
Resistance
Resistance between +VCLAMP
and −VCLAMP
480
480
kΩ
DISABLE (DISABLE PIN) MODE
Input Voltage
Disabled
−VS
–0.3
DGND
+ 1
−VS
–0.3
DGND
+ 1
V
Enabled
DGND
+1.4
+VS
+0.3
DGND
+1.4
+VS
+0.3
V
Turn Off Time
tOFF
Quiescent current<10% of
enabled quiescent current
6
6
µs
Turn On Time
tON
(tO) >90% of final VOUT
1.2
2
µs
DISABLE
Pin
Bias Current
Enabled
DISABLE
= 3 V
50
50
nA
DISABLE
Pin
Bias Current
Disabled
DISABLE
= 0 V
50
50
nA
DGND PIN
VOLTAGE
RANGE
IVRDGND
−VS
+VS
– 2.5
−VS
+VS
– 2.5
V
POWER SUPPLY
Operating
Range
±VS
3
10
3
10
V
Quiescent
Current
Enabled
Iq
Full power mode, MODE = +VS
4
4.2
mA
Low power mode, MODE = −VS
1.4
1.6
mA
Quiescent
Current
Disabled
Full power mode, MODE = +VS
60
70
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com