Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 53 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 49Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 50Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 51Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 52Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 54Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 55Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 56Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 57Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
53 of 57
Figure 114. Clamped Differential Signal Levels
Figure 115. Clamped Common-Mode Signal Levels
Driving a High Precision ADC
The ADA4945-1 is ideally suited for broadband dc-coupled applications. The recommended list of precision
converters is shown in Table 15. The circuit in Figure 116 shows an example of the ADA4945-1 driving a precision ADC
such as the AD4003 (an 18-bit, 2 MSPS, successive approximation ADC), or the AD7768 (a 24-bit, 256 kSPS, sigma-
delta ADC). The ADA4945-1 is dc-coupled on the input and the output, which eliminates the need for a transformer
to drive the ADC. In this example, the ADA4945-1 is applied in a differential input to differential output configuration,
with a gain of 1, and with dual supplies of +7 V and −2 V. The output of the ADA4945-1 is level shifted to match the
input common mode of the ADC. The gain is set by the ratio of the feedback resistor to the gain resistor. In addition,
the circuit can be used in a single-ended input to differential output configuration. If needed, a termination resistor
in parallel with the source input can be used. When a single-ended input is used, the input impedance of the amplifier
can be calculated as shown in the Terminating a Single-Ended Input section. If the feedback and gain resistors are
all 1 kΩ, as in Figure 116, the single-ended input impedance is approximately 1.33 kΩ, which, in parallel with a
52.3 Ω termination resistor, provides a 50 Ω termination for the source. An additional 25.5 Ω (1025.5 Ω total) at the
inverting input balances the parallel impedance of the 50 Ω source and the termination resistor driving the
noninverting input. However, if a differential source input is used, the differential input impedance is 2 kΩ. In this
case, two 52.3 Ω termination resistors are used to terminate the inputs.
When driving the AD7768 in this example, the ADA4945-1 is driven by a signal generator having an 8 V p-p symmetric,
bipolar output. The VOCM input of the ADA4945-1 is bypassed for noise reduction and is driven via the common-mode
TIME (µs)
+VS = +7V, –VS = –2V
+VCLAMP = +5V, –VCLAMP = 0V
VOCM = +2.5V
+DIN
–DIN
+OUT
–OUT
TIME (µs)
+VS = +7V, –VS = –2V
+VCLAMP = +5V, –VCLAMP = 0V
+DIN = –DIN = 0V
VOCM
+OUT, –OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com