Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 50 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 46Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 47Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 48Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 49Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 50Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 51Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 52Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
50 of 57
Figure 108. Thevenin Equivalent with Matched Gain Resistors
Figure 108 shows an easily manageable circuit with matched feedback loops that can be easily evaluated.
5. The modified gain resistor, RG1, changes the input impedance. Repeat Step 1 through Step 4 several times
using the modified value of RG1 from the previous iteration until the value of RT does not change from the
previous iteration. After three additional iterations, the change in RG1 is less than 0.1%. The final circuit is
shown in Figure 109 with the closest 1% resistor values.
Figure 109.Terminated Single-Ended-to-Differential System with G =1
Input Common-Mode Voltage Range
The input common-mode range at the summing nodes of the ADA4945-1 is specified as −VS to +VS − 1.3 V. By extending
the input common-mode range down to −VS, the ADA4945-1 is especially well suited to dc-coupled, single-ended-to-
differential, and single-supply applications, such as ADC driving.
Input and Output Capacitive AC Coupling
Although the ADA4945-1 is best suited to dc-coupled applications, it is possible to use the device in ac-coupled
circuits. Input ac coupling capacitors can be inserted between the source and RG. This ac coupling blocks the flow of
the dc common-mode feedback current and causes the ADA4945-1 dc input common-mode voltage to equal the dc
output common-mode voltage. These ac coupling capacitors must be placed in both loops to keep the feedback
factors matched. Output ac coupling capacitors can be placed in series between each output and the respective load
of each output.
Setting the Output Common-Mode Voltage
The VOCM pin of the ADA4945-1 is internally biased at a voltage approximately equal to the midway between the
output voltage clamps, ((+VCLAMP) + (−VCLAMP))/2. Relying on this internal bias results in an output common-mode
voltage that is within approximately 100 mV of the expected value.
ADA4945-1
RL VOUT, dm
+VS
–VS
RTH
25.976Ω
RG1
233.265Ω
RG2
259.241Ω
RF2
499Ω
RF1
499Ω
VOCM
VTH
1.039V p-p
ADA4945-1
RL
VOUT, dm
1.990V p-p
+VS
–VS
RS
50Ω
RG
243Ω
VP
VN
RG2
267Ω
RF1
499Ω
RF2
499Ω
VOCM
VS
2V p-p
0.998V p-p
RT
57.6Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com