Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R2 Datasheet(PDF) 54 Page - Analog Devices

Part # ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 49Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 50Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 51Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 52Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 53Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 54Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 55Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 56Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 57Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
54 of 57
source of the AD7768 to 2.5 V. With an output common-mode voltage of 2.5 V, each ADA4945-1 output swings
between 0.5 V and 4.5 V, opposite in phase, providing a gain of 1 and a 8 V p-p differential signal to the ADC input. The
differential RC section between the ADA4945-1 output and the ADC input provides a single-pole, low-pass filter to
help reduce current spikes due to ADC input switching.
Table 14 shows the SNR and total distortion (THD) of the ADA4945-1 driving the AD7768 and AD4003 for various input
frequencies at a near full-scale signal. The RC filter values in Figure 116 are also shown, as well as the reference
voltage (REF) level.
Figure 116. ADA4945-1 Driving Precision ADC
Table 14.SNR and THD for ADA4945-1 Driving AD7768 and AD4003
ADC
Frequency
(kHz)
Signal Level
(V p-p)
REF (V)
R (Ω) C (pF)
CDIFF (pF)
SNR (dB)
THD (dB)
AD7768 1
8.0
4.096
10
270
680
106.7
−115.9
2
8.0
4.096
10
270
680
106.5
−115.5
10
8.0
4.096
10
270
680
105.8
−116.9
20
7.98
4.096
10
270
680
104.7
−116.2
AD4003 1
9.5
5.0
200
180
Not
applicable
98.5
−123.5
10
9.5
5.0
200
180
Not
applicable
98.3
−117.0
100
9.1
5.0
200
180
Not
applicable
96.3
−100.3
ADA4945-1
C
R
R
+7V
–2V
1kΩ
1kΩ
1kΩ
1kΩ
+2.5V
C
ADC
–IN
+IN
VREF
+VCLAMP
–VCLAMP
CDIFF
REF
+DIN
–DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com