Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4571 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 32Page - Renesas Technology Corp 4571 Datasheet HTML 33Page - Renesas Technology Corp 4571 Datasheet HTML 34Page - Renesas Technology Corp 4571 Datasheet HTML 35Page - Renesas Technology Corp 4571 Datasheet HTML 36Page - Renesas Technology Corp 4571 Datasheet HTML 37Page - Renesas Technology Corp 4571 Datasheet HTML 38Page - Renesas Technology Corp 4571 Datasheet HTML 39Page - Renesas Technology Corp 4571 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 126 page
background image
Rev.1.02
May 25, 2007
Page 36 of 124
REJ03B0179-0102
4571 Group
Fig 36. Timer count start/stop timing
(R3H)
Timer 3 underflow signal
Machine cycle
Timer 3 count start timing (R3L = “0216”, R3H = “0216”, W33 = “1”)
Register W31
Mi
Mi + 1
Mi + 2
Mi + 3
0216
0016
0116
0216
0016
0116
0216
(R3L)
(R3L)
Timer 3 count start timing
PWM signal
Timer 3 count value
(reload register)
Timer 3 count source
(XIN input)
(R3H)
Mi
Mi + 1
Mi + 2
Mi + 3
0016
0116
0216
0016
0116
0216
0216
Timer 3 count stop timing
(R3L)
(R3H)
(Note 1)
TW3A instruction execution (W31
←1)
TW3A instruction execution (W31
←0)
Timer 3 underflow signal
Machine cycle
Register W31
PWM signal
Timer 3 count value
(reload register)
Timer 3 count source
(XIN input)
Timer 3 count stop timing (R3L = “0216”, R3H = “0216”, W33 = “1”)
Notes 1: If the timer count stop timing and the timer underflow timing overlap while the CNTR1 pin output
is valid (W33=“1”), a hazard may occur in the PWM signal waveform.
2: When timer count is stopped during “H” interval of the PWM signal, timer is stopped after
the end of the “H” output interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com