Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4571 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 52Page - Renesas Technology Corp 4571 Datasheet HTML 53Page - Renesas Technology Corp 4571 Datasheet HTML 54Page - Renesas Technology Corp 4571 Datasheet HTML 55Page - Renesas Technology Corp 4571 Datasheet HTML 56Page - Renesas Technology Corp 4571 Datasheet HTML 57Page - Renesas Technology Corp 4571 Datasheet HTML 58Page - Renesas Technology Corp 4571 Datasheet HTML 59Page - Renesas Technology Corp 4571 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 126 page
background image
Rev.1.02
May 25, 2007
Page 56 of 124
REJ03B0179-0102
4571 Group
(10)P20/INT0 pin
(1) Bit 3 of register I1
When the input of the P20/INT0 pin is controlled with the
bit 3 of register I1 in software, be careful about the
following notes.
• Depending on the input state of the P20/INT0 pin, the external
0 interrupt request flag (EXF0) may be set when the bit 3 of
register I1 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 0 of register V1 to “0” (refer
to (1) in Figure 55) and then, change the bit 3 of register I1.
In addition, execute the SNZ0 instruction to clear the EXF0
flag to “0” after executing at least one instruction (refer to (2)
in Figure 55).
Also, set the NOP instruction for the case when a skip is
performed with the SNZ0 instruction (refer to (3) in Figure
55).
Fig 55. External 0 interrupt program example-1
(2) Bit 3 of register I1
When the bit 3 of register I1 is cleared to “0”, the RAM
back-up mode is selected and the input of INT0 pin is
disabled, be careful about the following notes.
• When the INT0 pin input is disabled (register I13 = “0”), set
the key-on wakeup of INT0 pin to be invalid (register L10 =
“0”) before system enters to the RAM back-up mode. (refer to
(1) in Figure 56).
Fig 56. External 0 interrupt program example-2
(3) Bit 2 of register I1
When the interrupt valid waveform of the P20/INT0 pin is
changed with the bit 2 of register I1 in software, be careful
about the following notes.
• Depending on the input state of the P20/INT0 pin, the external
1 interrupt request flag (EXF0) may be set when the bit 2 of
register I1 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 0 of register V1 to “0” (refer
to (1) in Figure 57) and then, change the bit 2 of register I1 is
changed.
In addition, execute the SNZ0 instruction to clear the EXF0
flag to “0” after executing at least one instruction (refer to (2)
in Figure 57).
Also, set the NOP instruction for the case when a skip is
performed with the SNZ0 instruction (refer to (3) in Figure
57).
Fig 57. External 0 interrupt program example-3
•
•
•
LA
4
; (
×××02)
TV1A
; The SNZ0 instruction is valid ...... (1)
LA
8
; (1
×××2)
TI1A
; Control of INT0 pin input is changed
NOP
...................................................... (2)
SNZ0
; The SNZ0 instruction is executed
(EXF0 flag cleared)
NOP
...................................................... (3)
•
•
•
×: these bits are not used here.
•
•
•
LA
0
; (
×××02)
TL1A
; INT0 key-on wakeup disabled .....(1)
DI
EPOF
POF
; RAM back-up
•
•
•
×: these bits are not used here.
•
•
•
LA
4
; (
×××02)
TV1A
; The SNZ0 instruction is valid ......(1)
LA
12
; (1
×××2)
TI1A
; Interrupt valid waveform is changed
NOP
.......................................................(2)
SNZ0
; The SNZ0 instruction is executed
(EXF0 flag cleared)
NOP
.......................................................(3)
•
•
•
×: these bits are not used here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com