Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4571 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 4 Page - Renesas Technology Corp

  4571 Datasheet HTML 1Page - Renesas Technology Corp 4571 Datasheet HTML 2Page - Renesas Technology Corp 4571 Datasheet HTML 3Page - Renesas Technology Corp 4571 Datasheet HTML 4Page - Renesas Technology Corp 4571 Datasheet HTML 5Page - Renesas Technology Corp 4571 Datasheet HTML 6Page - Renesas Technology Corp 4571 Datasheet HTML 7Page - Renesas Technology Corp 4571 Datasheet HTML 8Page - Renesas Technology Corp 4571 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 126 page
background image
Rev.1.02
May 25, 2007
Page 4 of 124
REJ03B0179-0102
4571 Group
PERFORMANCE OVERVIEW
Table 2
Performance overview
Parameter
Function
Number of basic instructions
M34571G4/G6 126
M34571GD
128
Minimum instruction execution time
0.5
µs (Oscillation frequency 6 MHz: through mode)
Memory sizes
ROM
M34571G4
4096 words
× 10 bits
M34571G6
6144 words
× 10 bits
M34571GD
16384 words
× 10 bits
RAM
128 words
× 4 bits
I/O port
D0–D4
I/O (Input is
examined by
skip decision)
Five independent I/O ports;
The output structure of ports D0–D3 is switched by software.
Port D4 is also used as CNTR0, respectively.
P00
−P03
I/O
4-bit I/O port; a pull-up function and a key-on wakeup function can be switched by software.
P10
−P13
I/O
4-bit I/O port; a pull-up function and a key-on wakeup function can be switched by software.
P20, P21
I/O
2-bit I/O port; a pull-up function and a key-on wakeup function can be switched by software.
Ports P20 and P21 are also used as INT0 and INT1, respectively.
P30, P31
I/O
2-bit I/O port ; the output structure is switched by software.
C
Output
1-bit output port (CMOS output only); port C is also used as CNTR1 pin.
K
Input
1-bit input port ; a key-on wakeup function can be switched by software.
CNTR0
Timer I/O
1-bit I/O port ; CNTR0 pin is also used as port D4.
CNTR1
Timer output
1-bit output port ; CNTR1 pin is also used as port C.
INT0, INT1 Interrupt input
1-bit input port ; INT0 and INT1 are also used as ports P20 and P21, respectively.
Timer
Timer 1
8-bit timer with a reload register and carrier wave output auto-control function, and has
an event counter.
Timer 2
8-bit timer with a reload register.
Timer 3
8-bit timer with two reload registers and carrier wave generation function.
Watchdog timer
16-bit timer, fixed dividing frequency (timer for monitor)
Power-on reset circuit
Built-in
Voltage drop
detection circuit
Reset occurrence
Typ. 1.65 V (Ta=25 °C)
Reset release
Typ. 1.75 V (Ta=25 °C)
Interrupt occurrence
Typ. 1.85 V (Ta=25 °C)
Interrupt
Source
6 sources (two for external, three for timers, voltage drop detection circuit)
Nesting
1 level
Subroutine nesting
8 levels
Device structure
CMOS sillicon gate
Package
24-pin plastic molded SSOP (PRSP0024GA-A)
Operating temperature range
-20 to 85 °C
Power source voltage
1.8 to 5.5 V (It depends on oscillation frequency and operation mode)
Power
dissipation
(Typ. value)
At active mode
0.3 mA (Ta = 25 °C, VDD = 3.0 V, f(XIN)=4 MHz, f(STCK)=f(XIN)/8)
At RAM back-up
0.1
µA (Ta = 25 °C, output transistor is cut-off state)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com