Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4571 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 10Page - Renesas Technology Corp 4571 Datasheet HTML 11Page - Renesas Technology Corp 4571 Datasheet HTML 12Page - Renesas Technology Corp 4571 Datasheet HTML 13Page - Renesas Technology Corp 4571 Datasheet HTML 14Page - Renesas Technology Corp 4571 Datasheet HTML 15Page - Renesas Technology Corp 4571 Datasheet HTML 16Page - Renesas Technology Corp 4571 Datasheet HTML 17Page - Renesas Technology Corp 4571 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 126 page
background image
Rev.1.02
May 25, 2007
Page 14 of 124
REJ03B0179-0102
4571 Group
(8) Program counter (PC)
Program counter (PC) is used to specify a ROM address (page
and address). It determines a sequence in which instructions
stored in ROM are read. It is a binary counter that increments the
number of instruction bytes each time an instruction is executed.
However, the value changes to a specified address when branch
instructions, subroutine call instructions, return instructions, or
the table reference instruction (TABP p) is executed.
Program counter consists of PCH (most significant bit to bit 7)
which specifies to a ROM page and PCL (bits 6 to 0) which
specifies an address within a page. After it reaches the last
address (address 127) of a page, it specifies address 0 of the next
page (Figure 13).
Make sure that the PCH does not specify after the last page of the
built-in ROM.
(9) Data pointer (DP)
Data pointer (DP) is used to specify a RAM address and consists
of registers Z, X, and Y. Register Z specifies a RAM file group,
register X specifies a file, and register Y specifies a RAM digit
(Figure 14).
Register Y is also used to specify the port D bit position.
When using port D, set the port D bit position to register Y
certainly and execute the SD, RD, or SZD instruction (Figure
15).
• Note
Register Z of data pointer is undefined after system is released
from reset.
Also, registers Z, X and Y are undefined in the RAM back-up.
After system is returned from the RAM back-up, set these
registers.
Fig 13. Program counter (PC) structure
Fig 14. Data pointer (DP) structure
Fig 15. SD instruction execution example
a3
a2
a1
a0
a6
a5
a4
PCH
Specifying page
Program counter
p3
p2
p1
p0
p6
p5
p4
PCL
Specifying address
Register Y (4)
Data pointer (DP)
X2 X1 X0 Y3
Z1 Z0 X3
Y2 Y1 Y0
Register X (4)
Register Z (2)
Specifying
RAM digit
Specifying RAM file
Specifying RAM file group
Specifying bit position
0
0
0
1
Register Y (4)
Set
D3
D2
1
D1
D0
Port D output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com