Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4571 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 3Page - Renesas Technology Corp 4571 Datasheet HTML 4Page - Renesas Technology Corp 4571 Datasheet HTML 5Page - Renesas Technology Corp 4571 Datasheet HTML 6Page - Renesas Technology Corp 4571 Datasheet HTML 7Page - Renesas Technology Corp 4571 Datasheet HTML 8Page - Renesas Technology Corp 4571 Datasheet HTML 9Page - Renesas Technology Corp 4571 Datasheet HTML 10Page - Renesas Technology Corp 4571 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 126 page
background image
Rev.1.02
May 25, 2007
Page 7 of 124
REJ03B0179-0102
4571 Group
CONNECTIONS OF UNUSED PINS
Note 1.If a port input instruction (SZD, IAP0, IAP1, IAP2, IAP3) is executed when the output latch is 1, the supply voltage may be
increased in the instruction execution cycle by the through current.
Note 2.Do not select the CNTR0 input as the timer 1 count source. (W11 W10
≠11)
Note 3.Set the input of INT0 pin or INT1 pin to be disabled. (I13=0, I23=0)
Note 4.Set the output of the CNTR1 pin to be invalid. (W33=0)
(Note when connecting to VSS or VDD)
Connect the unused pins to VSS using the thickest wire at the shortest distance against noise.
Table 7
Port function
Pin
Connection
Usage condition
Output structure
Pull-up
transistor
Key-on wakeup
Value of
output latch
Others
D0
−D3
P30, P31
Open.
N-channel open-drain
−−
0/1
(Note 1)
CMOS
−−
0/1
−
Connect to VSS.
N-channel open-drain
−−
0/1
−
CMOS
−−
0
−
Connect to VDD.
N-channel open-drain
−−
1
−
CMOS
−−
1
−
D4/CNTR0
Open.
N-channel open-drain
−−
0/1
(Notes 1, 2)
Connect to VSS.
N-channel open-drain
−−
0/1
(Note 2)
Connect to VDD.
N-channel open-drain
−−
1
(Note 2)
P00
−P03,
P10
−P13
Open.
N-channel open-drain
OFF
Invalid
0/1
(Note 1)
ON
Invalid
1
−
Connect to VSS.
N-channel open-drain
OFF
Invalid
0/1
−
Connect to VDD.
N-channel open-drain
ON/OFF
Valid/Invalid
1
−
P20/INT0
P21/INT1
Open.
N-channel open-drain
OFF
Invalid
0/1
(Notes 1, 3)
ON
Invalid
1
(Note 3)
Connect to VSS.
N-channel open-drain
OFF
Invalid
0/1
(Note 3)
Connect to VDD.
N-channel open-drain
ON/OFF
Valid/Invalid
1
(Note 3)
C/CNTR1
Open.
CMOS
−−
0/1
−
Connect to VSS.CMOS
−−
0
(Note 4)
K
Connect to VSS.
−−
Invalid
−−
Connect to VDD.
−−
Valid/Invalid
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com