Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4571 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 79Page - Renesas Technology Corp 4571 Datasheet HTML 80Page - Renesas Technology Corp 4571 Datasheet HTML 81Page - Renesas Technology Corp 4571 Datasheet HTML 82Page - Renesas Technology Corp 4571 Datasheet HTML 83Page - Renesas Technology Corp 4571 Datasheet HTML 84Page - Renesas Technology Corp 4571 Datasheet HTML 85Page - Renesas Technology Corp 4571 Datasheet HTML 86Page - Renesas Technology Corp 4571 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 126 page
background image
Rev.1.02
May 25, 2007
Page 83 of 124
REJ03B0179-0102
4571 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
SEA n
(Skip Equal, Accumulator with immediate data n)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
010
01
01 2 02 5 16
22
-
(A) = n
n = 0 to 15
0
0
0
111
nn
nn 2 07 n 16 Grouping:
Comparison operation
Description: Skips the next instruction when the contents of register A is
equal to the value n in the immediate field.
Executes the next instruction when the contents of register
A is not equal to the value n in the immediate field.
Opera-
tion:
(A) = n ?
n = 0 to 15
SEAM
(Skip Equal, Accumulator with Memory)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
010
01
10 2 02 6 16
1
1
-
(A) = (M(DP))
Opera-
tion:
(A) = (M(DP)) ?
Grouping:
Comparison operation
Description: Skips the next instruction when the contents of register A is
equal to the contents of M(DP).
Executes the next instruction when the contents of register
A is not equal to the contents of M(DP).
SNZ0
(Skip if Non Zero condition of external interrupt 0 request flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
011
10
00 2 03 8 16
11
-
V10 = 0 : (EXF0) = 1
Opera-
tion:
V10 = 0 : (EXF0) = 1 ?
(EXF0)
← 0
V10 = 1 : SNZ0 = NOP
(V10 : bit 0 of the interrupt control register V1)
Grouping:
Interrupt operation
Description: When V10 = 0 : Clears (0) to the EXF0 flag and skips the
next instruction when external 0 interrupt request flag
EXF0 is “1”. When the EXF0 flag is “0”, executes the next
instruction.
When V10 = 1 : This instruction is equivalent to the NOP
instruction.
SNZ1
(Skip if Non Zero condition of external interrupt 1 request flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
011
10
01 2 03 9 16
11
-
V11 = 0 : (EXF1) = 1
Opera-
tion:
V11 = 0 : (EXF1) = 1 ?
(EXF1)
← 0
V11 = 1 : SNZ1 = NOP
(V11 : bit 1 of the interrupt control register V1)
Grouping:
Interrupt operation
Description: When V11 = 0 : Clears (0) to the EXF1 flag and skips the
next instruction when external 1 interrupt request flag
EXF1 is “1”. When the EXF1 flag is “0”, executes the next
instruction.
When V11 = 1 : This instruction is equivalent to the NOP
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com