Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4571 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 14Page - Renesas Technology Corp 4571 Datasheet HTML 15Page - Renesas Technology Corp 4571 Datasheet HTML 16Page - Renesas Technology Corp 4571 Datasheet HTML 17Page - Renesas Technology Corp 4571 Datasheet HTML 18Page - Renesas Technology Corp 4571 Datasheet HTML 19Page - Renesas Technology Corp 4571 Datasheet HTML 20Page - Renesas Technology Corp 4571 Datasheet HTML 21Page - Renesas Technology Corp 4571 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 126 page
background image
Rev.1.02
May 25, 2007
Page 18 of 124
REJ03B0179-0102
4571 Group
(4) Internal state during an interrupt
The internal state of the microcomputer during an interrupt is as
follows (Figure 20).
• Program counter (PC)
An interrupt address is set in program counter. The address to
b e ex ec u t e d wh e n re t u rn in g to the mai n rout ine is
automatically stored in the stack register (SK).
• Interrupt enable flag (INTE)
INTE flag is cleared to “0” so that interrupts are disabled.
• Interrupt request flag
Only the request flag for the current interrupt source is cleared
to “0” (the voltage drop detection circuit interrupt request flag
is excluded)
• Data pointer, carry flag, skip flag, registers A and B
The contents of these registers and flags are stored
automatically in the interrupt stack register (SDP).
(5) Interrupt processing
When an interrupt occurs, a program at an interrupt address is
executed after branching a data store sequence to stack register.
Write the branch instruction to an interrupt service routine at an
interrupt address. Use the RTI instruction to return from an
interrupt service routine.
Interrupt enabled by executing the EI instruction is performed
after executing 1 instruction (just after the next instruction is
executed). Accordingly, when the EI instruction is executed just
before the RTI instruction, interrupts are enabled after returning
the main routine. (Refer to Figure 19)
Fig 19. Program example of interrupt processing
Fig 20. Internal state when interrupt occurs
Fig 21. Interrupt system diagram
Main
routine
Interrupt
occurs
Interrupt is
enabled
Interrupt
service routine
EI
RTI
: Interrupt enabled state
: Interrupt disabled state
Each interrupt address
• Program counter (PC)
The address of main routine to be
executed when returning
• Stack register (SK)
0 (Interrupt disabled)
• Interrupt enable flag (INTE)
0 (excluding voltage drop detection interrupt request flag)
• Interrupt request flag (only the flag for the current interrupt
source)
Stored in the interrupt stack register (SDP)
automatically
• Data pointer, carry flag, registers A and B, skip flag
EXF0
Request flag
(state retained)
V10
Enable bit
Enable flag
Address 0
in page 1
INT0 pin interrupt
waveform input
Timer 2
underflow
T1F
V12
Address 4
in page 1
Timer 1
underflow
T2F
V13
Address 6
in page 1
T3F
V20
Address 8
in page 1
Activated
condition
INTE
Timer 3
underflow
EXF1
V11
Address 2
in page 1
INT1 pin interrupt
waveform input
VDF
V23
Address E
in page 1
when supply voltage
goes lower than
specified value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com