Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4571 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 35Page - Renesas Technology Corp 4571 Datasheet HTML 36Page - Renesas Technology Corp 4571 Datasheet HTML 37Page - Renesas Technology Corp 4571 Datasheet HTML 38Page - Renesas Technology Corp 4571 Datasheet HTML 39Page - Renesas Technology Corp 4571 Datasheet HTML 40Page - Renesas Technology Corp 4571 Datasheet HTML 41Page - Renesas Technology Corp 4571 Datasheet HTML 42Page - Renesas Technology Corp 4571 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
Rev.1.02
May 25, 2007
Page 39 of 124
REJ03B0179-0102
4571 Group
RESET FUNCTION
System reset is performed by the followings:
• “L” level is applied to the RESET pin externally,
• System reset instruction (SRST) is executed,
• Reset occurs by watchdog timer,
• Reset occurs by built-in power-on reset
• Reset occurs by voltage drop detection circuit
Then when “H” level is applied to RESET pin, software starts
from address 0 in page 0.
(1) RESET pin input
System reset is performed certainly by applying “L” level to
RESET pin for 1 machine cycle or more when the following
condition is satisfied;
the value of supply voltage is the minimum value or more of the
recommended operating conditions.
Fig 40. Structure of reset pin and its peripherals
Fig 41. RESET pin input waveform and reset release timing
Power-on reset circuit
Watchdog reset signal
WEF
SRST instruction
Internal reset signal
(Note 1)
RESET pin
(Note 2)
Pull-up transistor
Voltage drop detection circuit
(Note 1)
Notes 1:
This symbol represents a parasitic diode.
2: Applied potential to RESET pin must be VDD or less.
0.3VDD
0.85VDD
(Note 1)
Program starts
(address 0 in page 0)
Reset input
1 machine cycle or more
RESET
f(RING)
Notes 1: Keep the value of supply voltage to the minimum value or more of the
recommended operating conditions.
2: It depends on the internal state at reset.
XIN input is counted 5400 to 5424 times (Note 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com