Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4571 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 25Page - Renesas Technology Corp 4571 Datasheet HTML 26Page - Renesas Technology Corp 4571 Datasheet HTML 27Page - Renesas Technology Corp 4571 Datasheet HTML 28Page - Renesas Technology Corp 4571 Datasheet HTML 29Page - Renesas Technology Corp 4571 Datasheet HTML 30Page - Renesas Technology Corp 4571 Datasheet HTML 31Page - Renesas Technology Corp 4571 Datasheet HTML 32Page - Renesas Technology Corp 4571 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 126 page
background image
Rev.1.02
May 25, 2007
Page 29 of 124
REJ03B0179-0102
4571 Group
Fig 32. Timers structure (2)
Watchdog reset
signal
reset signal
(Note 3)
D
T
Q
R
DWDT instruction
+
WRST instruction
Reset signal
(Note 4)
(Note 2)
WRST instruction
Watchdog timer (16)
1 - - - - - - - - - - - - - 16
INSTCK
S
R
Q
WDF1
S
R
Q
WEF
C/CNTR1
Port C output
PWMOUT
PWMOD
W12
W51
Q
R
D
T
T1UDF
W30
0
1
XIN
W31
Timer 3 (8)
Reload Register R3L (8)
Register B
(TAB3)
(T3AB)
Register A
(T3AB)
(T3AB)
(TAB3)
(T3R3L)
Reload control circuit
(Note 1)
Reload Register R3H (8)
(T3HAB)
Register B
Register A
W33
Timer 3
interrupt
1/2
ORCLK
TQ
R
W32
1
0
“H” interval expansion
T3F
PWMOD
T2UDF: Timer 2 underflow signal
ORCLK: Prescaler output
Note 1: When the CNTR1 output function is valid (W33=“1”), the value is auto-reloaded alternately from reload register
R3L and R3H every timer 3 underflow.
When the CNTR1 function is invalid (W33=“0”), the value is auto-reloaded from reload register R3L only.
2: Flag WDF1 is cleared to “0” and the next instruction is skipped when the WRST instruction is executed
while flag WDF1 = “1”.
The WRST instruction is equivalent to the NOP instruction while flag WDF1 = “0”.
3: Flag WEF is cleared to “0” and watchdog timer reset does not occur when the DWDT instruction and
WRST instruction are executed continuously.
4: The WEF flag is set to “1” at system reset or RAM back-up mode.
Data is set automatically from each reload register
when timer underflows (auto-reload function).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com